전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LAN9117 데이터시트(PDF) 58 Page - Microchip Technology

부품명 LAN9117
부품 상세설명  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 데이터시트(HTML) 58 Page - Microchip Technology

Back Button LAN9117 Datasheet HTML 54Page - Microchip Technology LAN9117 Datasheet HTML 55Page - Microchip Technology LAN9117 Datasheet HTML 56Page - Microchip Technology LAN9117 Datasheet HTML 57Page - Microchip Technology LAN9117 Datasheet HTML 58Page - Microchip Technology LAN9117 Datasheet HTML 59Page - Microchip Technology LAN9117 Datasheet HTML 60Page - Microchip Technology LAN9117 Datasheet HTML 61Page - Microchip Technology LAN9117 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 114 page
background image
LAN9117
DS00002267A-page 58
 2005-2016 Microchip Technology Inc.
5.0
REGISTER DESCRIPTION
The following section describes all LAN9117 registers and data ports.
Note 5-1
The LAN9117 host bus interface supports 16-bit bus transfers; internally, all data paths are 32-bits
wide. Figure 5-1 describes the memory map with respect to pairs of atomic 16-bit transactions.
FIGURE 5-1:
LAN9117 MEMORY MAP
MACCSRPort
A4h
B0h
Base +
00h
RESERVED
B4h
A0h
RX Data FIFO Port
TX Data FIFO Port
RX Status FIFO Port
40h
20h
50h
FCh
EEPROMPort
04h
1Ch
RX Data FIFO Alias Ports
24h
3Ch
TX Data FIFO Alias Ports
RX Status FIFO PEEK
44h
TX Status FIFO Port
48h
TX Status FIFO PEEK
4Ch
A8h
ACh


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn