전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LAN9117 데이터시트(HTML) 60 Page - Microchip Technology

부품명 LAN9117
상세내용  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Download  114 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo 

LAN9117 데이터시트(HTML) 60 Page - Microchip Technology

Zoom Inzoom in Zoom Outzoom out
/ 114 page
 60 / 114 page
background image
LAN9117
DS00002267A-page 60
 2005-2016 Microchip Technology Inc.
5.3
System Control and Status Registers
Table 5-1, "LAN9117 Direct Address Register Map", lists the registers that are directly addressable by the host bus.
TABLE 5-1:
LAN9117 DIRECT ADDRESS REGISTER MAP
Control and Status Registers
Base Address +
Offset
Symbol
Register Name
Default
50h
ID_REV
Chip ID and Revision.
See “ID_REV—
Chip ID and
Revision” on
page 61.
54h
IRQ_CFG
Main Interrupt Configuration
00000000h
58h
INT_STS
Interrupt Status
00000000h
5Ch
INT_EN
Interrupt Enable Register
00000000h
60h
RESERVED
Reserved for future use
-
64h
BYTE_TEST
Read-only byte order testing register
87654321h
68h
FIFO_INT
FIFO Level Interrupts
48000000h
6Ch
RX_CFG
Receive Configuration
00000000h
70h
TX_CFG
Transmit Configuration
00000000h
74h
HW_CFG
Hardware Configuration
00050000h
78h
RX_DP_CTL
RX Datapath Control
00000000h
7Ch
RX_FIFO_INF
Receive FIFO Information
00000000h
80h
TX_FIFO_INF
Transmit FIFO Information
00001200h
84h
PMT_CTRL
Power Management Control
00000000h
88h
GPIO_CFG
General Purpose IO Configuration
00000000h
8Ch
GPT_CFG
General Purpose Timer Configuration
0000FFFFh
90h
GPT_CNT
General Purpose Timer Count
0000FFFFh
94h
RESERVED
Reserved for future use
-
98h
WORD_SWAP
WORD SWAP Register
00000000h
9Ch
FREE_RUN
Free Run Counter
-
A0h
RX_DROP
RX Dropped Frames Counter
00000000h
A4h
MAC_CSR_CMD
MAC CSR Synchronizer Command (MAC
CSR’s are indexed through this register)
00000000h
A8h
MAC_CSR_DATA
MAC CSR Synchronizer Data
00000000h
ACh
AFC_CFG
Automatic Flow Control Configuration
00000000h
B0h
E2P_CMD
EEPROM command (The EEPROM is
indexed through this register)
00000000h
B4h
E2P_DATA
EEPROM Data
00000000h
B8h - FCh
RESERVED
Reserved for future use
-


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn