전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LAN9117 데이터시트(HTML) 65 Page - Microchip Technology

부품명 LAN9117
상세내용  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Download  114 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 데이터시트(HTML) 65 Page - Microchip Technology

Back Button LAN9117 데이터시트 HTML 61Page - Microchip Technology LAN9117 데이터시트 HTML 62Page - Microchip Technology LAN9117 데이터시트 HTML 63Page - Microchip Technology LAN9117 데이터시트 HTML 64Page - Microchip Technology LAN9117 데이터시트 HTML 65Page - Microchip Technology LAN9117 데이터시트 HTML 66Page - Microchip Technology LAN9117 데이터시트 HTML 67Page - Microchip Technology LAN9117 데이터시트 HTML 68Page - Microchip Technology LAN9117 데이터시트 HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002267A-page 65
LAN9117
5.3.7
RX_CFG—RECEIVE CONFIGURATION REGISTER
This register controls the LAN9117 receive engine.
Offset:
6Ch
Size:
32 bits
Bits
Description
Type
Default
31:30
RX End Alignment. This field specifies the alignment that must be
maintained on the last data transfer of a buffer. The LAN9117 will add extra
DWORDs of data up to the alignment specified in the table below. The host
is responsible for removing these extra DWORDs. This mechanism can be
used to maintain cache line alignment on host processors.
Please refer to Table 5-2 for bit definitions
Note:
The desired RX End Alignment must be set before reading a
packet. The RX end alignment can be changed between reading
receive packets, but must not be changed if the packet is partially
read.
R/W
00b
29-28
Reserved
RO
-
27-16
RX DMA Count (RX_DMA_CNT). This 12-bit field indicates the amount of
data, in DWORDS, to be transferred out of the RX data FIFO before
asserting the RXD_INT. After being set, this field is decremented for each
DWORD of data that is read from the RX data FIFO. This field can be
overwritten with a new value before it reaches zero.
R/W
000h
15
Force RX Discard (RX_DUMP). This self-clearing bit clears the RX data
and status FIFOs of all pending data. When a ‘1’ is written, the RX data
and status pointers are cleared to zero.
Note:
Please refer to section “Force Receiver Discard (Receiver
Dump)” on page 48 for a detailed description regarding the use
of RX_DUMP.
SC
0
14-13
Reserved
RO
-
12-8
RX Data Offset (RXDOFF). This field controls the offset value, in bytes,
that is added to the beginning of an RX data packet. The start of the valid
data will be shifted by the number of bytes specified in this field. An offset
of 0-31 bytes is a valid number of offset bytes.
Note:
The two LSBs of this field (D[9:8]) must not be modified while the
RX is running. The receiver must be halted, and all data purged
before these two bits can be modified. The upper three bits
(DWORD offset) may be modified while the receiver is running.
Modifications to the upper bits will take affect on the next
DWORD read.
R/W
00000
7-0
Reserved
RO
-
TABLE 5-2:
RX ALIGNMENT BIT DEFINITIONS
[31]
[30]
End Alignment
0
0
4-byte alignment
0
1
16-byte alignment
1
0
32-byte alignment
11
Reserved


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn