전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LAN9117 데이터시트(PDF) 70 Page - Microchip Technology

부품명 LAN9117
부품 상세설명  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 데이터시트(HTML) 70 Page - Microchip Technology

Back Button LAN9117 Datasheet HTML 66Page - Microchip Technology LAN9117 Datasheet HTML 67Page - Microchip Technology LAN9117 Datasheet HTML 68Page - Microchip Technology LAN9117 Datasheet HTML 69Page - Microchip Technology LAN9117 Datasheet HTML 70Page - Microchip Technology LAN9117 Datasheet HTML 71Page - Microchip Technology LAN9117 Datasheet HTML 72Page - Microchip Technology LAN9117 Datasheet HTML 73Page - Microchip Technology LAN9117 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 114 page
background image
LAN9117
DS00002267A-page 70
 2005-2016 Microchip Technology Inc.
5.3.11
RX_FIFO_INF—RECEIVE FIFO INFORMATION REGISTER
This register contains the used space in the receive FIFOs of the LAN9117 Ethernet Controller.
5.3.12
TX_FIFO_INF—TRANSMIT FIFO INFORMATION REGISTER
This register contains the free space in the transmit data FIFO and the used space in the transmit status FIFO in the
LAN9117.
5.3.13
PMT_CTRL— POWER MANAGEMENT CONTROL REGISTER
This register controls the Power Management features. This register can be read while the LAN9117 is in a power saving
mode.
Offset:
7Ch
Size:
32 bits
Bits
Description
Type
Default
31-24
Reserved
RO
-
23-16
RX Status FIFO Used Space (RXSUSED). Indicates the amount of space
in DWORDs, used in the RX Status FIFO.
RO
00h
15-0
RX Data FIFO Used Space (RXDUSED).). Reads the amount of space in
bytes, used in the RX data FIFO. For each receive frame, this field is
incremented by the length of the receive data rounded up to the nearest
DWORD (if the payload does not end on a DWORD boundary).
RO
0000h
Offset:
80h
Size:
32 bits
Bits
Description
Type
Default
31-24
Reserved
RO
-
23-16
TX Status FIFO Used Space (TXSUSED). Indicates the amount of space in
DWORDS used in the TX Status FIFO.
RO
00h
15-0
TX Data FIFO Free Space (TDFREE). Reads the amount of space in bytes,
available in the TX data FIFO. The application should never write more data
than is available, as indicated by this value.
RO
1200h
Offset:
84h
Size:
32 bits
Note:
The LAN9117 must always be read at least once after power-up, reset, or upon return from a power-saving
state or write operations will not function.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn