전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LAN9117 데이터시트(PDF) 72 Page - Microchip Technology

부품명 LAN9117
부품 상세설명  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 데이터시트(HTML) 72 Page - Microchip Technology

Back Button LAN9117 Datasheet HTML 68Page - Microchip Technology LAN9117 Datasheet HTML 69Page - Microchip Technology LAN9117 Datasheet HTML 70Page - Microchip Technology LAN9117 Datasheet HTML 71Page - Microchip Technology LAN9117 Datasheet HTML 72Page - Microchip Technology LAN9117 Datasheet HTML 73Page - Microchip Technology LAN9117 Datasheet HTML 74Page - Microchip Technology LAN9117 Datasheet HTML 75Page - Microchip Technology LAN9117 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 114 page
background image
LAN9117
DS00002267A-page 72
 2005-2016 Microchip Technology Inc.
5.3.14
GPIO_CFG—GENERAL PURPOSE IO CONFIGURATION REGISTER
This register configures the GPIO and LED functions.
1
PME Enable (PME_EN). When set, this bit enables the external PME signal.
This bit does not affect the PME interrupt (PME_INT).
R/W
0b
0
Device Ready (READY). When set, this bit indicates that LAN9117 is ready
to be accessed. This register can be read when LAN9117 is in any power
management mode. Upon waking from any power management mode,
including power-up, the host processor can interrogate this field as an
indication when LAN9117 has stabilized and is fully alive. Reads and writes of
any other address are invalid until this bit is set.
Note:
With the exception of HW_CFG and PMT_CTRL, read access to
any internal resources is forbidden while the READY bit is cleared.
RO
-
Offset:
88h
Size:
32 bits
Bits
Description
Type
Default
31
Reserved
RO
-
30:28
LED[3:1] enable (LEDx_EN). A ‘1’ sets the associated pin as an LED output.
When cleared low, the pin functions as a GPIO signal.
LED1/GPIO0 – bit 28
LED2/GPIO1 – bit 29
LED3/GPIO2 – bit 30
R/W
000
27
Reserved
RO
-
26:24
GPIO Interrupt Polarity 0-2 (GPIO_INT_POL). When set high, a high logic
level on the corresponding GPIO pin will set the corresponding INT_STS
register bit. When cleared low, a low logic level on the corresponding GPIO pin
will set the corresponding INT_STS register bit.
GPIO Interrupts must also be enabled in GPIOx_INT_EN in the INT_EN
register.
GPIO0 – bit 24
GPIO1 – bit 25
GPIO2 – bit 26
Note:
GPIO inputs must be active for greater than 40nS to be recognized
as interrupt inputs.
R/W
000
23
Reserved
RO
-
22:20
EEPROM Enable (EEPR_EN). The value of this field determines the function
of the external EEDIO and EECLK:
Please refer to Table 5-4 for the EEPROM Enable bit function definitions.
Note:
The host must not change the function of the EEDIO and EECLK
pins when an EEPROM read or write cycle is in progress. Do not use
reserved settings.
Note:
Regardless of whether the internal or external PHY is selected,
RX_DV, TX_CLK and RX_CLK reflect the signals on the internal
PHY and the MAC always drives TX_EN.
R/W
000
19
Reserved
RO
-
18:16
GPIO Buffer Type 0-2 (GPIOBUFn). When set, the output buffer for the
corresponding GPIO signal is configured as a push/pull driver. When cleared,
the corresponding GPIO set configured as an open-drain driver.
GPIO0 – bit 16
GPIO1 – bit 17
GPIO2 – bit 18
R/W
000
15:11
Reserved
RO
-
Bits
Description
Type
Default


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn