전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LAN9117 데이터시트(PDF) 78 Page - Microchip Technology

부품명 LAN9117
부품 상세설명  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 데이터시트(HTML) 78 Page - Microchip Technology

Back Button LAN9117 Datasheet HTML 74Page - Microchip Technology LAN9117 Datasheet HTML 75Page - Microchip Technology LAN9117 Datasheet HTML 76Page - Microchip Technology LAN9117 Datasheet HTML 77Page - Microchip Technology LAN9117 Datasheet HTML 78Page - Microchip Technology LAN9117 Datasheet HTML 79Page - Microchip Technology LAN9117 Datasheet HTML 80Page - Microchip Technology LAN9117 Datasheet HTML 81Page - Microchip Technology LAN9117 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 114 page
background image
LAN9117
DS00002267A-page 78
 2005-2016 Microchip Technology Inc.
30-28
EPC command. This field is used to issue commands to the EEPROM
controller. The EPC will execute commands when the EPC Busy bit is set.
A new command must not be issued until the previous command completes.
This field is encoded as follows:
READ (Read Location): This command will cause a read of the EEPROM
location pointed to by EPC Address. The result of the read is available in the
E2P_DATA register.
EWDS (Erase/Write Disable): After issued, the EEPROM will ignore erase
and write commands. To re-enable erase/write operations issue the EWEN
command.
EWEN (Erase/Write Enable): Enables the EEPROM for erase and write
operations. The EEPROM will allow erase and write operations until the
Erase/Write Disable command is sent, or until power is cycled.
Note:
The EEPROM device will power-up in the erase/write-disabled
state. Any erase or write operations will fail until an Erase/Write
Enable command is issued.
WRITE (Write Location): If erase/write operations are enabled in the
EEPROM, this command will cause the contents of the E2P_DATA register
to be written to the EEPROM location selected by the EPC Address field.
WRAL (Write All): If erase/write operations are enabled in the EEPROM,
this command will cause the contents of the E2P_DATA register to be written
to every EEPROM memory location.
ERASE (Erase Location): If erase/write operations are enabled in the
EEPROM, this command will erase the location selected by the EPC
Address field.
ERAL (Erase All): If erase/write operations are enabled in the EEPROM,
this command will initiate a bulk erase of the entire EEPROM.
RELOAD (MAC Address Reload): Instructs the EEPROM controller to
reload the MAC address from the EEPROM. If a value of 0xA5 is not found
in the first address of the EEPROM, the EEPROM is assumed to be un-
programmed and MAC Address Reload operation will fail. The “MAC
Address Loaded” bit indicates a successful load of the MAC address.
R/W
0
27-10
Reserved.
RO
-
Bits
Description
Type
Default
[30]
[29]
[28]
OPERATION
0
0
0
READ
001
EWDS
0
1
0
EWEN
011
WRITE
100
WRAL
1
0
1
ERASE
1
1
0
ERAL
111
Reload


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn