전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LAN9117 데이터시트(PDF) 93 Page - Microchip Technology

부품명 LAN9117
부품 상세설명  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 데이터시트(HTML) 93 Page - Microchip Technology

Back Button LAN9117 Datasheet HTML 89Page - Microchip Technology LAN9117 Datasheet HTML 90Page - Microchip Technology LAN9117 Datasheet HTML 91Page - Microchip Technology LAN9117 Datasheet HTML 92Page - Microchip Technology LAN9117 Datasheet HTML 93Page - Microchip Technology LAN9117 Datasheet HTML 94Page - Microchip Technology LAN9117 Datasheet HTML 95Page - Microchip Technology LAN9117 Datasheet HTML 96Page - Microchip Technology LAN9117 Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002267A-page 93
LAN9117
5.5.10
SPECIAL CONTROL/STATUS INDICATIONS
5.5.11
INTERRUPT SOURCE FLAG
100
100ase-TX Half Duplex is advertised. Auto-
negotiation enabled.
CRS is active during Transmit & Receive.
1100
0100
101
Repeater mode. Auto-negotiation enabled. 100Base-
TX Half Duplex is advertised.
CRS is active during Receive.
1100
0100
110
Reserved - Do not set the LAN9117 in this mode.
N/A
N/A
111
All capable. Auto-negotiation enabled.
X10X
1111
Index (In Decimal):
27
Size:
16-bits
Address
Description
Mode
Default
15:11
Reserved: Write as 0. Ignore on read.
RW
0
10
VCOOFF_LP: Forces the Receive PLL 10M to lock on the reference clock
at all times:
0 - Receive PLL 10M can lock on reference or line as needed (normal
operation)
1 - Receive PLL 10M is locked on the reference clock.
In this mode 10M data packets cannot be received.
RW,
NASR
0
9-5
Reserved: Write as 0. Ignore on read.
RW
0
4
XPOL: Polarity state of the 10Base-T:
0 - Normal polarity
1 - Reversed polarity
RO
0
3:0
Reserved: Read only - Writing to these bits have no effect.
RO
1011b
Index (In Decimal):
29
Size:
16-bits
Bits
Description
Type
Default
15-8
Reserved. Ignore on read.
RO/LH
0
7
INT7. 1= ENERGYON generated, 0= not source of interrupt
RO/LH
0
6
INT6. 1= Auto-Negotiation complete, 0= not source of interrupt
RO/LH
0
5
INT5. 1= Remote Fault Detected, 0= not source of interrupt
RO/LH
0
4
INT4. 1= Link Down (link status negated), 0= not source of interrupt
RO/LH
0
3
INT3. 1= Auto-Negotiation LP Acknowledge, 0= not source of interrupt
RO/LH
0
2
INT2. 1= Parallel Detection Fault, 0= not source of interrupt
RO/LH
0
TABLE 5-9:
MODE CONTROL (CONTINUED)
Mode
Mode Definitions
Default Register Bit Values
Register 0
Register 4
[13,12,10,8]
[8,7,6,5]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn