전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LAN9117 데이터시트(HTML) 94 Page - Microchip Technology

부품명 LAN9117
상세내용  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Download  114 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo 

LAN9117 데이터시트(HTML) 94 Page - Microchip Technology

Zoom Inzoom in Zoom Outzoom out
/ 114 page
 94 / 114 page
background image
LAN9117
DS00002267A-page 94
 2005-2016 Microchip Technology Inc.
5.5.12
INTERRUPT MASK
5.5.13
PHY SPECIAL CONTROL/STATUS
Note 5-5
See Table 2-2, “Default Ethernet Settings,” on page 9, for default settings.
1
INT1. 1= Auto-Negotiation Page Received, 0= not source of interrupt
RO/LH
0
0
Reserved.
RO/LH
0
Index (In Decimal):
30
Size:
16-bits
Bits
Description
Type
Default
15-8
Reserved. Write as 0; ignore on read.
RO
0
7-0
Mask Bits. 1 = interrupt source is enabled 0 = interrupt source is masked
RW
0
Index (In Decimal):
31
Size:
16-bits
Bits
Description
Type
Default
15 - 13
Reserved.
RO
000b
12
Autodone. Auto-negotiation done indication:
0 = Auto-negotiation is not done or disabled (or not active)
1 = Auto-negotiation is done
RO
0b
11-5
Reserved. Write as 0000010b, ignore on Read.
RW
0000010b
4-2
Speed Indication. HCDSPEED value:
[001]=10Mbps half-duplex
[101]=10Mbps full-duplex
[010]=100Base-TX half-duplex
[110]=100Base-TX full-duplex
RO
See
Note 5-5
1-0
Reserved. Write as 0; ignore on Read
RO
00b
Bits
Description
Type
Default


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn