전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LAN9117 데이터시트(PDF) 15 Page - Microchip Technology

부품명 LAN9117
부품 상세설명  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 데이터시트(HTML) 15 Page - Microchip Technology

Back Button LAN9117 Datasheet HTML 11Page - Microchip Technology LAN9117 Datasheet HTML 12Page - Microchip Technology LAN9117 Datasheet HTML 13Page - Microchip Technology LAN9117 Datasheet HTML 14Page - Microchip Technology LAN9117 Datasheet HTML 15Page - Microchip Technology LAN9117 Datasheet HTML 16Page - Microchip Technology LAN9117 Datasheet HTML 17Page - Microchip Technology LAN9117 Datasheet HTML 18Page - Microchip Technology LAN9117 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002267A-page 15
LAN9117
2.1
Buffer Types
TABLE 2-7:
BUFFER TYPES
Type
Description
I
Input pin
IS
Schmitt triggered Input
O12
Output with 12mA sink and 12mA source
OD12
Open-drain output with 12mA sink
IO8
I/O with 8mA symmetrical drive
OD8
Open-drain output with 8mA sink
O8
Output 8mA symmetrical drive
PU
50uA (typical) internal pull-up
PD
50uA (typical) internal pull-down
AI
Analog input
AO
Analog output
AIO
Analog bi-directional
ICLK
Crystal oscillator input pin
OCLK
Crystal oscillator output pin


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn