전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA45-2RU 데이터시트(PDF) 10 Page - Schurter Inc.

부품명 TA45-2RU
상세설명  Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45-2RU 데이터시트(HTML) 10 Page - Schurter Inc.

Back Button TA45-2RU Datasheet HTML 2Page - Schurter Inc. TA45-2RU Datasheet HTML 3Page - Schurter Inc. TA45-2RU Datasheet HTML 4Page - Schurter Inc. TA45-2RU Datasheet HTML 5Page - Schurter Inc. TA45-2RU Datasheet HTML 6Page - Schurter Inc. TA45-2RU Datasheet HTML 7Page - Schurter Inc. TA45-2RU Datasheet HTML 8Page - Schurter Inc. TA45-2RU Datasheet HTML 9Page - Schurter Inc. TA45-2RU Datasheet HTML 10Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Thermal (T- and TA-Line)
TA45-2RU
www.schurter.com /PG17_20
Circuit Breakers
Variants
Thermal
overload pro-
tection
Addition
connection
type
Illumination
Actuator colour
Legend
Rated current
Accessories
Config. Code
Order Number
2-pole
Quick connect
terminal
without illu-
mination
White
black printed
5.0 A
Without cover
TA45-ABDWK050U3
4430.1564
2-pole
Quick connect
terminal
illumination
220 V...240 V
Orange trans-
parent
white printed
4.0 A
Collar with cover,
IP54
TA45-A326L040U2-AZM01
4430.2609
Quick connect
terminal
without illu-
mination
White
embossed
without thermal
overload protec-
tion / temporarily
without VDE
approval
Raised collar,
IP40
TA45-ABCWFC00U4-AZM03
4430.2781
1-pole
Quick connect
terminal
without illu-
mination
Yellow
black printed
8.0 A
Raised collar
with cover nar-
row, IP54
TA45-ABTYK080E3-AZM10
4430.2960
1-pole
Quick connect
terminal
without illu-
mination
Orange
black printed
8.0 A
Without cover
TA45-ABTXM080E2
4430.3240
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Packaging Unit
1 Pcs
Accessories
Description
TA45-ACC
Accessories to TA45
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


유사한 부품 번호 - TA45-2RU

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA45-2RA SCHURTER-TA45-2RA Datasheet
525Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact
TA45-2RAU SCHURTER-TA45-2RAU Datasheet
625Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
More results

유사한 설명 - TA45-2RU

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
TA45-2RAU SCHURTER-TA45-2RAU Datasheet
625Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA45-3RAU SCHURTER-TA45-3RAU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45-2PU SCHURTER-TA45-2PU Datasheet
663Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Push button actuation, with undervoltage
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com