전자부품 데이터시트 검색엔진 |
|
AM2S-1218SZ 데이터시트(PDF) 2 Page - AIMTEC |
|
AM2S-1218SZ 데이터시트(HTML) 2 Page - AIMTEC |
2 / 5 page Series AM2S-Z 2 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R11.H 2 of 5 North America only Models Single Output (continued) Model Input Voltage (V) Output Voltage (V) Output Current Max (mA) Capacitive Load, Max (μF) Input Current Full | No Load (mA) Isolation (VDC) Efficiency (%) AM2S-1215SH30Z 10.8-13.2 15 130 220 162 20 3000 84 AM2S-1218SH30Z 10.8-13.2 18 110 220 158 20 3000 84 AM2S-1224SH30Z 10.8-13.2 24 80 220 158 25 3000 82 AM2S-2403SH30Z 21.6-26.4 3.3 400 220 158 18 3000 73 AM2S-2405SH30Z 21.6-26.4 5 400 220 162 18 3000 78 AM2S-2407SH30Z 21.6-26.4 7.2 270 220 74 18 3000 80 AM2S-2409SH30Z 21.6-26.4 9 220 220 104 18 3000 82 AM2S-2412SH30Z 21.6-26.4 12 160 220 104 18 3000 84 AM2S-2415SH30Z 21.6-26.4 15 130 220 99 18 3000 84 AM2S-2418SH30Z 21.6-26.4 18 110 220 99 18 3000 84 AM2S-2424SH30Z 21.6-26.4 24 80 220 99 18 3000 82 AM2S-4803SH30Z 43.2-52.8 3.3 400 220 99 10 3000 74 AM2S-4805SH30Z 43.2-52.8 5 400 220 99 10 3000 80 AM2S-4807SH30Z 43.2-52.8 7.2 270 220 38 10 3000 80 AM2S-4809SH30Z 43.2-52.8 9 220 220 53 10 3000 84 AM2S-4812SH30Z 43.2-52.8 12 160 220 52 10 3000 84 AM2S-4815SH30Z 43.2-52.8 15 130 220 51 10 3000 84 AM2S-4818SH30Z 43.2-52.8 18 110 220 52 10 3000 84 AM2S-4824SH30Z 43.2-52.8 24 80 220 51 10 3000 84 Input Specifications Parameters Nominal Typical Maximum Units Voltage range 5 4.5-5.5 -0.7 - 7 VDC 12 10.8-13.2 -0.7 - 15 24 21.6-25.4 -0.7 - 28 48 43.2-52.8 -0.7 - 54 Filter Capacitor Turn on Transient Process Time 25 ms Start-up time 200 ms Absolute Maximum Rating 5 Vin 0-7 VDC 12 Vin 0-15 24 Vin 0-28 48 Vin 0-54 Peak Input Voltage time 100 ms Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 60 sec 1000 or 3000 VDC Resistance > 1000 MOhm Capacitance 60 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage Accuracy ±3 % Short Circuit Protection Momentary (1sec) Over Current Protection 110% Iout max Line Voltage Regulation (Single) For 1.0% of Vin ±1.2 % Load Voltage Regulation (Single) 20…100% load ±10 % Load Voltage Regulation (Single) 3.3V Output Model 20…100% load ±20 % Temperature Coefficient ±0.02 %/oC Ripple & Noise At 20MHz Bandwidth 150 mV p-p Rising Time 100 ms |
유사한 부품 번호 - AM2S-1218SZ |
|
유사한 설명 - AM2S-1218SZ |