전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM3T-0503S-VZ 데이터시트(PDF) 7 Page - AIMTEC

부품명 AM3T-0503S-VZ
상세설명  3 Watt | DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3T-0503S-VZ 데이터시트(HTML) 7 Page - AIMTEC

  AM3T-0503S-VZ Datasheet HTML 1Page - AIMTEC AM3T-0503S-VZ Datasheet HTML 2Page - AIMTEC AM3T-0503S-VZ Datasheet HTML 3Page - AIMTEC AM3T-0503S-VZ Datasheet HTML 4Page - AIMTEC AM3T-0503S-VZ Datasheet HTML 5Page - AIMTEC AM3T-0503S-VZ Datasheet HTML 6Page - AIMTEC AM3T-0503S-VZ Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Series AM3T-VZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.H
7 of 7
North America only
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
0
10
20
30
40
50
60
70
80
90
100
20%
40%
60%
80%
100%
Loading %
AM3T‐2412S‐VZ Efficiency vs. Loading
0
10
20
30
40
50
60
70
80
90
100
20%
40%
60%
80%
100%
Loading %
AM3T‐4815S‐VZ Efficiency vs. Loading


유사한 부품 번호 - AM3T-0503S-VZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM3T-0503S-VZ AIMTEC-AM3T-0503S-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
More results

유사한 설명 - AM3T-0503S-VZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com