전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MC74LCX02DR2G 데이터시트(HTML) 3 Page - ON Semiconductor

부품명 MC74LCX02DR2G
상세내용  Low-Voltage CMOS Quad 2-Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX02DR2G 데이터시트(HTML) 3 Page - ON Semiconductor

  MC74LCX02DR2G 데이터시트 HTML 1Page - ON Semiconductor MC74LCX02DR2G 데이터시트 HTML 2Page - ON Semiconductor MC74LCX02DR2G 데이터시트 HTML 3Page - ON Semiconductor MC74LCX02DR2G 데이터시트 HTML 4Page - ON Semiconductor MC74LCX02DR2G 데이터시트 HTML 5Page - ON Semiconductor MC74LCX02DR2G 데이터시트 HTML 6Page - ON Semiconductor MC74LCX02DR2G 데이터시트 HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74LCX02
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
TA = −40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 2)
2.3 V
≤ VCC ≤ 2.7 V
1.7
V
2.7 V
≤ VCC ≤ 3.6 V
2.0
VIL
LOW Level Input Voltage (Note 2)
2.3 V
≤ VCC ≤ 2.7 V
0.7
V
2.7 V
≤ VCC ≤ 3.6 V
0.8
VOH
HIGH Level Output Voltage
2.3 V
≤ VCC ≤ 3.6 V; IOH = −100 mA
VCC − 0.2
V
VCC = 2.3 V; IOH = −8 mA
1.8
VCC = 2.7 V; IOH = −12 mA
2.2
VCC = 3.0 V; IOH = −18 mA
2.4
VCC = 3.0 V; IOH = −24 mA
2.2
VOL
LOW Level Output Voltage
2.3 V
≤ VCC ≤ 3.6 V; IOL = 100 mA
0.2
V
VCC = 2.3 V; IOL = 8 mA
0.6
VCC = 2.7 V; IOL = 12 mA
0.4
VCC = 3.0 V; IOL = 16 mA
0.4
VCC = 3.0 V; IOL = 24 mA
0.55
IOFF
Power Off Leakage Current
VCC = 0, VIN = 5.5 V or VOUT = 5.5 V
10
mA
IIN
Input Leakage Current
VCC = 3.6 V, VIN = 5.5 V or GND
±5
mA
ICC
Quiescent Supply Current
VCC = 3.6 V, VIN = 5.5 V or GND
10
mA
DICC
Increase in ICC per Input
2.3
≤ VCC ≤ 3.6 V; VIH = VCC − 0.6 V
500
mA
2. These values of VI are used to test DC electrical characteristics only.
AC CHARACTERISTICS (tR = tF = 2.5 ns; RL = 500 W)
Limits
TA = −40°C to +85°C
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
VCC = 2.5 V ± 0.2 V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Symbol
Parameter
Waveform
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay Time
1
1.5
5.5
1.5
6.2
1.5
6.6
ns
tPHL
Input−to−Output
1.5
5.5
1.5
6.2
1.5
6.6
tOSHL
Output−to−Output Skew
1.0
ns
tOSLH
(Note 3)
1.0
3. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
0.8
V
(Note 4)
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
0.6
V
VOLV
Dynamic LOW Valley Voltage
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
−0.8
V
(Note 4)
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
−0.6
V
4. Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the LOW state.


Html Pages

1  2  3  4  5  6  7 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn