전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM2G-2412DH30Z 데이터시트(PDF) 3 Page - AIMTEC

부품명 AM2G-2412DH30Z
상세설명  2 Watt | DC-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2G-2412DH30Z 데이터시트(HTML) 3 Page - AIMTEC

  AM2G-2412DH30Z Datasheet HTML 1Page - AIMTEC AM2G-2412DH30Z Datasheet HTML 2Page - AIMTEC AM2G-2412DH30Z Datasheet HTML 3Page - AIMTEC AM2G-2412DH30Z Datasheet HTML 4Page - AIMTEC AM2G-2412DH30Z Datasheet HTML 5Page - AIMTEC AM2G-2412DH30Z Datasheet HTML 6Page - AIMTEC AM2G-2412DH30Z Datasheet HTML 7Page - AIMTEC AM2G-2412DH30Z Datasheet HTML 8Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Series AM2G-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.N
3 of 8
North America only
Models
Dual Output (continued)
Model
Input
Voltage
(V)
Output
Voltage (V)
Output
Current Max
(mA)
Isolation
(VDC)
Capacitor
Load
(μF)
Input Current
Full Load | No
Load (mA)
Efficiency
(%)
AM2G-4815DZ
36-72
±15
±67
1000
±470
53
6
71
AM2G-4818DZ
36-72
±18
±56
1000
±220
53
6
73
AM2G-4824DZ
36-72
±24
±42
1000
±220
53
6
75
AM2G-0503DH30Z
4.5-9
±3.3
±250
3000
±1000
492
15
70
AM2G-0505DH30Z
4.5-9
±5
±200
3000
±1000
571
15
70
AM2G-0507DH30Z
4.5-9
±7.2
±139
3000
±470
560
15
74
AM2G-0509DH30Z
4.5-9
±9
±111
3000
±470
555
30
75
AM2G-0512DH30Z
4.5-9
±12
±83
3000
±470
555
30
75
AM2G-0515DH30Z
4.5-9
±15
±67
3000
±470
547
30
71
AM2G-0518DH30Z
4.5-9
±18
±56
3000
±220
540
30
73
AM2G-0524DH30Z
4.5-9
±24
±42
3000
±220
533
60
75
AM2G-1203DH30Z
9-18
±3.3
±250
3000
±1000
205
15
79
AM2G-1205DH30Z
9-18
±5
±200
3000
±1000
216
15
80
AM2G-1207DH30Z
9-18
±7.2
±139
3000
±470
215
15
79
AM2G-1209DH30Z
9-18
±9
±111
3000
±470
213
15
76
AM2G-1212DH30Z
9-18
±12
±83
3000
±470
208
15
73
AM2G-1215DH30Z
9-18
±15
±67
3000
±470
213
15
78
AM2G-1218DH30Z
9-18
±18
±56
3000
±220
210
15
79
AM2G-1224DH30Z
9-18
±24
±42
3000
±220
208
15
80
AM2G-2403DH30Z
18-36
±3.3
±250
3000
±1000
98
8
80
AM2G-2405DH30Z
18-36
±5
±200
3000
±1000
108
8
78
AM2G-2407DH30Z
18-36
±7.2
±139
3000
±470
106
8
73
AM2G-2409DH30Z
18-36
±9
±111
3000
±470
104
8
74
AM2G-2412DH30Z
18-36
±12
±83
3000
±470
104
8
79
AM2G-2415DH30Z
18-36
±15
±67
3000
±470
104
8
79
AM2G-2418DH30Z
18-36
±18
±56
3000
±220
104
8
80
AM2G-2424DH30Z
18-36
±24
±42
3000
±220
104
8
75
AM2G-4803DH30Z
36-72
±3.3
±250
3000
±1000
48
6
70
AM2G-4805DH30Z
36-72
±5
±200
3000
±1000
56
6
70
AM2G-4807DH30Z
36-72
±7.2
±139
3000
±470
55
6
74
AM2G-4809DH30Z
36-72
±9
±111
3000
±470
53
6
75
AM2G-4812DH30Z
36-72
±12
±83
3000
±470
53
6
75
AM2G-4815DH30Z
36-72
±15
±67
3000
±470
53
6
71
AM2G-4818DH30Z
36-72
±18
±56
3000
±220
53
6
73
AM2G-4824DH30Z
36-72
±24
±42
3000
±220
53
6
75
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-9
VDC
12
9-18
24
18-36
48
36-72
Filter
Capacitor
Input Reflected Ripple Current
35
mA p-p
Turn on Transient process time
350
ms
Start-up time
200
ms
Absolute Maximum Rating
5 Vin
-0.7-12
VDC
12 Vin
-0.7-24
24 Vin
-0.7-40
48 Vin
-0.7-80
Peak Input Voltage time
100
ms
On/Off Control
ON – low or open (0Vdc to 0.8Vdc)
OFF – high (4.5Vdc to 15Vdc, OFF idle current:3.5mA to 15mA Max.)


유사한 부품 번호 - AM2G-2412DH30Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM2G-2412DH30Z AIMTEC-AM2G-2412DH30Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
More results

유사한 설명 - AM2G-2412DH30Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com