전자부품 데이터시트 검색엔진 |
|
AM2D-1207DZ 데이터시트(PDF) 8 Page - AIMTEC |
|
AM2D-1207DZ 데이터시트(HTML) 8 Page - AIMTEC |
8 / 11 page Series AM2D-Z 2 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R11.J 8 of 11 North America only Input Specifications Parameters Nominal Typical Maximum Units Voltage range 5 4.5-5.5 VDC 12 10.8-13.2 24 21.6-26.4 48 43.2-52.8 Filter Capacitor Turn on Transient process time 25 ms Start up time 200 ms Absolute Maximum Rating 5 Vin 0-7 VDC 12 Vin 0-15 24 Vin 0-28 48 Vin 0-54 Peak Input Voltage time 100 ms Input Reflected Ripple Current 20 mA p-p Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 60sec 1000, 3000, 4000, 5200, 6000 VDC Resistance > 1000 MOhm Capacitance 60 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±3 % Voltage balance Dual output ±1 % Short Circuit protection Momentary (1sec). Line voltage regulation (Single) For 1.0% of Vin ±1.2 % Line voltage regulation (Dual) For 1.0% of Vin ±1.2 % Load voltage regulation (Single) Load 20~100% ±10 % Load voltage regulation (Single) 3.3V output model Load 20~100% ±20 % Load voltage regulation (Dual) Load 20~100% ±10 % Load voltage regulation (Dual) 3.3V output model Load 20~100% ±20 % Temperature coefficient ±0.02 %/oC Ripple & Noise At 20MHz Bandwidth 75 mV p-p Capacitive load Single output 470 μF Dual output 220 μF Rising time 100 ms General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 85 KHz Operating temperature Full Load -40 to +85 oC Storage temperature -55 to +125 oC Max Case temperature +95 oC Cooling Free air convection Humidity 90 % Case material Plastic UL94-VO Weight 2.5 g Dimensions (L x W x H) 0.76 x 0.24 x 0.37 inch 19.50 x 6.00 x 9.50 mm MTBF >1 121 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC) NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified |
유사한 부품 번호 - AM2D-1207DZ |
|
유사한 설명 - AM2D-1207DZ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |