전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT2G14GW 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74HCT2G14GW
상세설명  Inverting Schmitt-triggers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT2G14GW 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT2G14GW Datasheet HTML 5Page - NXP Semiconductors 74HCT2G14GW Datasheet HTML 6Page - NXP Semiconductors 74HCT2G14GW Datasheet HTML 7Page - NXP Semiconductors 74HCT2G14GW Datasheet HTML 8Page - NXP Semiconductors 74HCT2G14GW Datasheet HTML 9Page - NXP Semiconductors 74HCT2G14GW Datasheet HTML 10Page - NXP Semiconductors 74HCT2G14GW Datasheet HTML 11Page - NXP Semiconductors 74HCT2G14GW Datasheet HTML 12Page - NXP Semiconductors 74HCT2G14GW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
2003 May 1
9
Philips Semiconductors
Preliminary specification
Inverting Schmitt-triggers
74HC2G14; 74HCT2G14
Fig.9
Typical HC2G transfer characteristics;
VCC = 6.0 V.
handbook, halfpage
0
3.0
6.0
1.6
0
0.8
MNA030
ICC
(mA)
VI (V)
handbook, halfpage
0
5.0
2.0
0
1.0
ICC
(mA)
2.5
VI (V)
MNA031
Fig.10 Typical HCT2G transfer characteristics;
VCC = 4.5 V.
handbook, halfpage
0
3.0
2.0
1.0
0
3.0
6.0
MNA032
ICC
(mA)
VI (V)
Fig.11 Typical HCT2G transfer characteristics;
VCC = 5.5 V.


유사한 부품 번호 - 74HCT2G14GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT2G14GW NXP-74HCT2G14GW Datasheet
95Kb / 19P
   Dual inverting Schmitt trigger
Rev. 01 - 11 October 2006
logo
Nexperia B.V. All right...
74HCT2G14GW NEXPERIA-74HCT2G14GW Datasheet
260Kb / 16P
   Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
74HCT2G14GW-Q100 NEXPERIA-74HCT2G14GW-Q100 Datasheet
803Kb / 21P
   Dual inverting Schmitt trigger
More results

유사한 설명 - 74HCT2G14GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC3G14 PHILIPS-74HC3G14 Datasheet
101Kb / 20P
   Inverting Schmitt-triggers
2003 Nov 04
logo
Aeroflex Circuit Techno...
UT54ACS14 AEROFLEX-UT54ACS14 Datasheet
231Kb / 9P
   Hex Inverting Schmitt Triggers
UT54ACS14E AEROFLEX-UT54ACS14E Datasheet
130Kb / 11P
   Hex Inverting Schmitt Triggers
logo
Unisonic Technologies
UCD40106B UTC-UCD40106B_15 Datasheet
179Kb / 6P
   HEX SCHMITT TRIGGERS
logo
STMicroelectronics
HCC40106B STMICROELECTRONICS-HCC40106B Datasheet
305Kb / 13P
   HEX SCHMITT TRIGGERS
logo
Unisonic Technologies
CD40106 UTC-CD40106_12 Datasheet
164Kb / 6P
   HEX SCHMITT TRIGGERS
UCD40106B UTC-UCD40106B Datasheet
179Kb / 6P
   HEX SCHMITT TRIGGERS
logo
Intersil Corporation
CD40106BMS INTERSIL-CD40106BMS Datasheet
75Kb / 9P
   CMOS Hex Schmitt Triggers
December 1992
logo
Texas Instruments
CD40106BM96G4 TI-CD40106BM96G4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD40106B TI-CD40106B Datasheet
229Kb / 11P
[Old version datasheet]   CMOS HEX SCHMITT TRIGGERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com