전자부품 데이터시트 검색엔진 |
|
AM4T-2409D-VZ 데이터시트(PDF) 2 Page - AIMTEC |
|
AM4T-2409D-VZ 데이터시트(HTML) 2 Page - AIMTEC |
2 / 4 page Series AM4T-VZ 4 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.I 2 of 4 North America only Models Dual output (continued) Model Input Voltage (V) Output Voltage (V) Output Current max (mA) Capacitive load, max (μF) Efficiency (%) AM4T-4809D-VZ 36-72 ±9 ±222 ±220 77 AM4T-4812D-VZ 36-72 ±12 ±167 ±220 77 AM4T-4815D-VZ 36-72 ±15 ±133 ±220 78 AM4T-4824D-VZ 36-72 ±24 ±83 ±100 76 Input Specifications Parameters Nominal Typical Maximum Units Voltage range 12 9-18 VDC 24 18-36 48 36-72 Filter (Pi) Network Start up time 20 ms Absolute Maximum Rating 12 Vin -0.7-24 VDC 24 Vin -0.7-40 48 Vin -0.7-80 Peak Input Voltage time 15 ms Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 3 sec 1500 (3500 H35 model) VDC Resistance > 1000 MOhm Capacitance 60 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±1 % Voltage balance Balanced Load ±1 % Short circuit protection Continuous Short circuit restart Auto Recovery Line voltage regulation HL-LL ±0.5 % Load voltage regulation 25-100% Load ±0.5 % Temperature coefficient ±0.02 %/oC Ripple & Noise * At 20MHz Bandwidth 60 mV p-p * In order to achieve ripple and noise specification, a 100μF capacitor is required to be connected to the output of the converter AM4T-1205DH35-VZ 9-18 ±5 ±400 ±1000 77 AM4T-1209DH35-VZ 9-18 ±9 ±222 ±220 77 AM4T-1212DH35-VZ 9-18 ±12 ±167 ±220 78 AM4T-1215DH35-VZ 9-18 ±15 ±133 ±220 78 AM4T-1224DH35-VZ 9-18 ±24 ±83 ±100 77 AM4T-2405DH35-VZ 18-36 ±5 ±400 ±1000 77 AM4T-2409DH35-VZ 18-36 ±9 ±222 ±220 77 AM4T-2412DH35-VZ 18-36 ±12 ±167 ±220 78 AM4T-2415DH35-VZ 18-36 ±15 ±133 ±220 79 AM4T-2424DH35-VZ 18-36 ±24 ±83 ±100 76 AM4T-4805DH35-VZ 36-72 ±5 ±400 ±1000 73 AM4T-4809DH35-VZ 36-72 ±9 ±222 ±220 77 AM4T-4812DH35-VZ 36-72 ±12 ±167 ±220 77 AM4T-4815DH35-VZ 36-72 ±15 ±133 ±220 78 AM4T-4824DH35-VZ 36-72 ±24 ±83 ±100 76 |
유사한 부품 번호 - AM4T-2409D-VZ |
|
유사한 설명 - AM4T-2409D-VZ |