전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM4TW-4805DH35Z 데이터시트(PDF) 1 Page - AIMTEC

부품명 AM4TW-4805DH35Z
상세설명  4 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM4TW-4805DH35Z 데이터시트(HTML) 1 Page - AIMTEC

  AM4TW-4805DH35Z Datasheet HTML 1Page - AIMTEC AM4TW-4805DH35Z Datasheet HTML 2Page - AIMTEC AM4TW-4805DH35Z Datasheet HTML 3Page - AIMTEC AM4TW-4805DH35Z Datasheet HTML 4Page - AIMTEC AM4TW-4805DH35Z Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM4TW-Z
4 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.F
1 of 5
North America only
FEATURES:
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM4TW-2403SZ
9-36
3.3
1200
1500
1000
77
AM4TW-2405SZ
9-36
5
800
1500
680
80
AM4TW-2407SZ
9-36
7.2
550
1500
100
80
AM4TW-2409SZ
9-36
9
440
1500
100
80
AM4TW-2412SZ
9-36
12
330
1500
100
83
AM4TW-2415SZ
9-36
15
265
1500
100
83
AM4TW-2418SZ
9-36
18
220
1500
100
80
AM4TW-2424SZ
9-36
24
165
1500
100
81
AM4TW-4803SZ
18-72
3.3
1200
1500
1000
77
AM4TW-4805SZ
18-72
5
800
1500
680
80
AM4TW-4807SZ
18-72
7.2
550
1500
100
78
AM4TW-4809SZ
18-72
9
440
1500
100
82
AM4TW-4812SZ
18-72
12
330
1500
100
81
AM4TW-4815SZ
18-72
15
265
1500
100
81
AM4TW-4818SZ
18-72
18
220
1500
100
81
AM4TW-4824SZ
18-72
24
165
1500
100
82
AM4TW-2403SH35Z
9-36
3.3
1200
3500
1000
77
AM4TW-2405SH35Z
9-36
5
800
3500
680
80
AM4TW-2407SH35Z
9-36
7.2
550
3500
100
80
AM4TW-2409SH35Z
9-36
9
440
3500
100
82
AM4TW-2412SH35Z
9-36
12
330
3500
100
83
AM4TW-2415SH35Z
9-36
15
265
3500
100
83
AM4TW-2418SH35Z
9-36
18
220
3500
100
80
AM4TW-2424SH35Z
9-36
24
165
3500
100
81
AM4TW-4803SH35Z
18-72
3.3
1200
3500
1000
77
AM4TW-4805SH35Z
18-72
5
800
3500
680
80
AM4TW-4807SH35Z
18-72
7.2
550
3500
100
80
AM4TW-4809SH35Z
18-72
9
440
3500
100
82
AM4TW-4812SH35Z
18-72
12
330
3500
100
81
AM4TW-4815SH35Z
18-72
15
265
3500
100
81
AM4TW-4818SH35Z
18-72
18
220
3500
100
81
AM4TW-4824SH35Z
18-72
24
165
3500
100
82
Models
Dual output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM4TW-2403DZ
9-36
±3.3
±600
1500
±470
76
AM4TW-2405DZ
9-36
±5
±400
1500
±330
78
AM4TW-2407DZ
9-36
±7.2
±275
1500
±47
80
AM4TW-2409DZ
9-36
±9
±220
1500
±47
80
AM4TW-2412DZ
9-36
±12
±165
1500
±47
82
AM4TW-2415DZ
9-36
±15
±125
1500
±22
80
AM4TW-2418DZ
9-36
±18
±100
1500
±10
80
AM4TW-2424DZ
9-36
±24
±84
1500
±10
80
 RoHS compliant
 Operating temperature -40oC to + 85oC
 24 Pin DIP Package
 Input / Output Isolation 1500 or 3500VDC
 High efficiency up to 83%
 Pin compatible with multiple manufacturers
 Wide 4:1 input range
 Continuous short circuit protection
Click on Series name for product info on aimtec.com


유사한 부품 번호 - AM4TW-4805DH35Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM4TW-4805DH35Z AIMTEC-AM4TW-4805DH35Z Datasheet
257Kb / 5P
   4 Watt | DC-DC Converter
More results

유사한 설명 - AM4TW-4805DH35Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM4TW-RVZ AIMTEC-AM4TW-RVZ_16 Datasheet
745Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-R-Z AIMTEC-AM4TW-R-Z_16 Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-VZ AIMTEC-AM4TW-VZ_13 Datasheet
747Kb / 3P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_13 Datasheet
283Kb / 4P
   4 Watt | DC-DC Converter
AM4T-Z AIMTEC-AM4T-Z_13 Datasheet
396Kb / 5P
   4 Watt | DC-DC Converter
AM4TW-RZ AIMTEC-AM4TW-RZ Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_16 Datasheet
223Kb / 4P
   4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z Datasheet
257Kb / 5P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ Datasheet
453Kb / 4P
   4 Watt | DC-DC Converter
AM4N-Z AIMTEC-AM4N-Z_13 Datasheet
325Kb / 4P
   4 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com