전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5110.0333.3 데이터시트(PDF) 5 Page - Schurter Inc.

부품명 5110.0333.3
상세설명  IEC Appliance Inlet C14 with Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5110.0333.3 데이터시트(HTML) 5 Page - Schurter Inc.

  5110.0333.3 Datasheet HTML 1Page - Schurter Inc. 5110.0333.3 Datasheet HTML 2Page - Schurter Inc. 5110.0333.3 Datasheet HTML 3Page - Schurter Inc. 5110.0333.3 Datasheet HTML 4Page - Schurter Inc. 5110.0333.3 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Power Entry Modules with Line Filter
5110
www.schurter.com /PG06
EMC Products
Accessories
Description
Wire Harness
Wire harness for SCHURTER products
Assorted Covers
Rear Cover
0859.0048
Cord retaining kits
Cord retaining strain relief
Flat head, A
4700.0001
Countersunk, C
4700.0003
Mating Outlets/Connectors
Category / Description
Appliance Outlet Overview complete
IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder Terminal
4787
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788
IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal
5091
Appliance Outlet further types to 5110
Connector Overview complete
4782 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4782
4022 Mounting: Power Supply Cord, 3 x 1.5 mm², Screw clamps, Connector: IEC C13
4022
4785 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4785
4300-06 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4300-06
4012 Mounting: Power Supply Cord, 3 x 1.5 mm², Screw clamps, Connector: IEC C13
4012
Connector further types to 5110
...
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


유사한 부품 번호 - 5110.0333.3

제조업체부품명데이터시트상세설명
logo
Pomona Electronics
5110 POMONA-5110 Datasheet
26Kb / 1P
   Connector Audio, Straight Cord, Male, 3&5 Conductor
logo
Schurter Inc.
5110 SCHURTER-5110 Datasheet
692Kb / 6P
   IEC Appliance Inlet C14 with Filter
5110 SCHURTER-5110 Datasheet
713Kb / 6P
   IEC Appliance Inlet C14 with Filter
logo
Christian Bürkert GmbH ...
5110 BURKERT-5110 Datasheet
3Mb / 12P
   Media Supply Unit
02.03.2023
logo
Alpha Wire
5110/25C ALPHAWIRE-5110/25C Datasheet
94Kb / 5P
   Customer Specification
1/11/2023
More results

유사한 설명 - 5110.0333.3

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
5110 SCHURTER-5110_18 Datasheet
692Kb / 6P
   IEC Appliance Inlet C14 with Filter
KFS SCHURTER-KFS_V01 Datasheet
528Kb / 6P
   IEC Appliance Inlet C14 with Filter
04.01.2022
KFS SCHURTER-KFS Datasheet
462Kb / 3P
   IEC Appliance Inlet C14 with Filter
KFS SCHURTER-KFS_17 Datasheet
476Kb / 5P
   IEC Appliance Inlet C14 with Filter
5110 SCHURTER-5110_V01 Datasheet
713Kb / 6P
   IEC Appliance Inlet C14 with Filter
6048 SCHURTER-6048_18 Datasheet
318Kb / 4P
   IEC Appliance Inlet C14
5150 SCHURTER-5150_17 Datasheet
445Kb / 6P
   IEC Appliance Inlet C14 with High Frequency Filter
5707 SCHURTER-5707_17 Datasheet
838Kb / 8P
   IEC Appliance Inlet C14 or C18 with Filter
KP01105201 SCHURTER-KP01105201 Datasheet
704Kb / 4P
   IEC Appliance Inlet C14 with Appliance Outlet F
KP01105201 SCHURTER-KP01105201_V01 Datasheet
551Kb / 6P
   IEC Appliance Inlet C14 with Appliance Outlet F
15.09.2021
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com