전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM6TI-1224SZ 데이터시트(PDF) 1 Page - AIMTEC

부품명 AM6TI-1224SZ
상세설명  6 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6TI-1224SZ 데이터시트(HTML) 1 Page - AIMTEC

  AM6TI-1224SZ Datasheet HTML 1Page - AIMTEC AM6TI-1224SZ Datasheet HTML 2Page - AIMTEC AM6TI-1224SZ Datasheet HTML 3Page - AIMTEC AM6TI-1224SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM6TI-Z
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
1 of 4
North America only
FEATURES:
Models
Single output
Model
Input
Voltage (V)
Output
Voltage (V)
Output Current
max (mA)
Efficiency
(%)
Capacitive
load, max (μF)
Isolation
(VDC)
AM6TI-1203SZ
9-18
3.3
1400
75
470
1500
AM6TI-1205SZ
9-18
5
1200
79
470
1500
AM6TI-1212SZ
9-18
12
500
83
100
1500
AM6TI-1215SZ
9-18
15
400
84
100
1500
AM6TI-1224SZ
9-18
24
250
82
47
1500
AM6TI-2403SZ
18-36
3.3
1400
74
470
1500
AM6TI-2405SZ
18-36
5
1200
79
470
1500
AM6TI-2412SZ
18-36
12
500
83
100
1500
AM6TI-2415SZ
18-36
15
400
83
100
1500
AM6TI-2424SZ
18-36
24
250
82
47
1500
AM6TI-4803SZ
36-75
3.3
1400
76
470
1500
AM6TI-4805SZ
36-75
5
1200
82
470
1500
AM6TI-4812SZ
36-75
12
500
84
100
1500
AM6TI-4815SZ
36-75
15
400
84
100
1500
AM6TI-4824SZ
36-75
24
250
84
47
1500
AM6TI-1203SH30Z
9-18
3.3
1400
75
470
3000
AM6TI-1205SH30Z
9-18
5
1200
79
470
3000
AM6TI-1212SH30Z
9-18
12
500
83
100
3000
AM6TI-1215SH30Z
9-18
15
400
84
100
3000
AM6TI-1224SH30Z
9-18
24
250
82
47
3000
AM6TI-2403SH30Z
18-36
3.3
1400
74
470
3000
AM6TI-2405SH30Z
18-36
5
1200
79
470
3000
AM6TI-2412SH30Z
18-36
12
500
83
100
3000
AM6TI-2415SH30Z
18-36
15
400
83
100
3000
AM6TI-2424SH30Z
18-36
24
250
82
47
3000
AM6TI-4803SH30Z
36-75
3.3
1400
76
470
3000
AM6TI-4805SH30Z
36-75
5
1200
82
470
3000
AM6TI-4812SH30Z
36-75
12
500
84
100
3000
AM6TI-4815SH30Z
36-75
15
400
84
100
3000
AM6TI-4824SH30Z
36-75
24
250
84
47
3000
Models
Dual output
Model
Input Voltage
(V)
Output
Voltage (V)
Output Current
max (mA)
Efficiency
(%)
Capacitive
load, max (μF)
Isolation
(VDC)
AM6TI-1203DZ
9-18
±3.3
±909
76
±220
1500
AM6TI-1205DZ
9-18
±5
±600
80
±220
1500
AM6TI-1212DZ
9-18
±12
±250
83
±100
1500
AM6TI-1215DZ
9-18
±15
±200
84
±100
1500
AM6TI-1224DZ
9-18
±24
±125
81
±47
1500
AM6TI-2403DZ
18-36
±3.3
±909
76
±220
1500
AM6TI-2405DZ
18-36
±5
±600
80
±220
1500
AM6TI-2412DZ
18-36
±12
±250
83
±100
1500
AM6TI-2415DZ
18-36
±15
±200
84
±100
1500
Under Voltage Lockout
High efficiency up to 84%
Operating temperature -40oC to + 85oC
Continuous short circuit protection
24 Pin DIP Package
Input / Output Isolation 1500 and 3000VDC
Wide 2:1 input range
Over Load Protection
Pin compatible with multiple manufacturers
Input Under Voltage Protection
Click on Series name for product info on aimtec.com


유사한 부품 번호 - AM6TI-1224SZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM6TI-1224SZ AIMTEC-AM6TI-1224SZ Datasheet
190Kb / 4P
   Input / Output Isolation 1500 and 3000VDC
More results

유사한 설명 - AM6TI-1224SZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-VZ AIMTEC-AM6TW-VZ Datasheet
400Kb / 3P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
   6 Watt | DC-DC Converter
AM6CW-FZ AIMTEC-AM6CW-FZ_16 Datasheet
110Kb / 2P
   6 Watt | DC-DC Converter
AM6GH-Z AIMTEC-AM6GH-Z_16 Datasheet
212Kb / 5P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ Datasheet
426Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ_16 Datasheet
258Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z Datasheet
490Kb / 5P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z Datasheet
261Kb / 3P
   6 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com