전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7920CV 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 L7920CV
상세설명  NEGATIVE VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7920CV 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button L7920CV Datasheet HTML 3Page - STMicroelectronics L7920CV Datasheet HTML 4Page - STMicroelectronics L7920CV Datasheet HTML 5Page - STMicroelectronics L7920CV Datasheet HTML 6Page - STMicroelectronics L7920CV Datasheet HTML 7Page - STMicroelectronics L7920CV Datasheet HTML 8Page - STMicroelectronics L7920CV Datasheet HTML 9Page - STMicroelectronics L7920CV Datasheet HTML 10Page - STMicroelectronics L7920CV Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
L7900 SERIES
7/16
ELECTRICAL CHARACTERISTICS OF L7920C (refer to the test circuits, TJ = 0 to 125°C, VI = -29V,
IO =500 mA, CI =2.2 µF, CO = 1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
ELECTRICAL CHARACTERISTICS OF L7922C (refer to the test circuits, TJ = 0 to 125°C, VI = -31V,
IO =500 mA, CI =2.2 µF, CO = 1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
-19.2
-20
-20.8
V
VO
Output Voltage
IO =-5mAto -1A PO ≤ 15 W
VI = -24 to -35 V
-19
-20
-21
V
∆V
O(*)
Line Regulation
VI = -23 to -35 V
TJ = 25°C
400
mV
VI = -26 to -32 V
TJ = 25°C
200
∆V
O(*)
Load Regulation
IO =5mAto 1.5 A
TJ = 25°C
400
mV
IO = 250 to 750 mA
TJ = 25°C
200
Id
Quiescent Current
TJ = 25°C
3
mA
∆I
d
Quiescent Current Change
IO =5mAto 1 A
0.5
mA
VI = -24 to -35 V
1
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-1.1
mV/°C
eN
Output Noise Voltage
B = 10Hz to 100KHz
TJ = 25°C
350
µV
SVR
Supply Voltage Rejection
∆V
I = 10 V
f = 120Hz
54
60
dB
Vd
Dropout Voltage
IO =1A
TJ = 25°C
∆V
O = 100 mV
1.1
V
Isc
Short Circuit Current
0.9
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
-21.1
-22
-22.9
V
VO
Output Voltage
IO =-5mAto -1A PO ≤ 15 W
VI = -26 to -37 V
-20.9
-22
-23.1
V
∆V
O(*)
Line Regulation
VI = -25 to -37 V
TJ = 25°C
440
mV
VI = -28 to -34 V
TJ = 25°C
220
∆V
O(*)
Load Regulation
IO =5mAto 1.5 A
TJ = 25°C
440
mV
IO = 250 to 750 mA
TJ = 25°C
220
Id
Quiescent Current
TJ = 25°C
3
mA
∆I
d
Quiescent Current Change
IO =5mAto 1 A
0.5
mA
VI = -26 to -37 V
1
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-1.1
mV/°C
eN
Output Noise Voltage
B = 10Hz to 100KHz
TJ = 25°C
375
µV
SVR
Supply Voltage Rejection
∆V
I = 10 V
f = 120Hz
54
60
dB
Vd
Dropout Voltage
IO =1A
TJ = 25°C
∆V
O = 100 mV
1.1
V
Isc
Short Circuit Current
1.1
A


유사한 부품 번호 - L7920CV

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L7920CV STMICROELECTRONICS-L7920CV Datasheet
445Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L7920CV STMICROELECTRONICS-L7920CV Datasheet
379Kb / 24P
   Negative voltage regulators
L7920CV STMICROELECTRONICS-L7920CV Datasheet
824Kb / 24P
   Negative voltage regulators
More results

유사한 설명 - L7920CV

제조업체부품명데이터시트상세설명
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com