전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4360-2BCP 데이터시트(PDF) 1 Page - Analog Devices

부품명 ADF4360-2BCP
상세설명  Integrated Synthesizer and VCO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4360-2BCP 데이터시트(HTML) 1 Page - Analog Devices

  ADF4360-2BCP Datasheet HTML 1Page - Analog Devices ADF4360-2BCP Datasheet HTML 2Page - Analog Devices ADF4360-2BCP Datasheet HTML 3Page - Analog Devices ADF4360-2BCP Datasheet HTML 4Page - Analog Devices ADF4360-2BCP Datasheet HTML 5Page - Analog Devices ADF4360-2BCP Datasheet HTML 6Page - Analog Devices ADF4360-2BCP Datasheet HTML 7Page - Analog Devices ADF4360-2BCP Datasheet HTML 8Page - Analog Devices ADF4360-2BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. PrA 07/03
PreliminaryTechnicalData
PRELIMINARY TECHNICAL DATA
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADF4360-2
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 200
3
IntegratedSynthesizerandVCO
ADF4360-2 FUNCTIONAL BLOCK DIAGRAM
FEATURES
Output Frequency Range:
1800 MHz to 2150 MHz
Divide-by-2 output
+3.0 V to +3.6V Power Supply
1.8 V Logic Compatibility
Integer-N Synthesizer
Programmable Dual Modulus Prescaler
8/9, 16/17, 32/33
Programmable Output Power Level
3-Wire Serial Interface
Analog and Digital Lock Detect
Hardware and Software Power Down Mode
APPLICATIONS
Wireless Handsets (DECT, GSM, PCS, DCS, WCDMA)
Test Equipment
Wireless LANS
CATV Equipment
GENERAL DESCRIPTION
The ADF4360-2 is a fully integrated integer-N
synthesizer and voltage controlled oscillator (VCO). The
ADF4360-2 is designed for a center frequency of
2000MHz. In addition, there is a divide-by-2 option
available, whereby the user gets an RF output of between
900MHz and 1075MHz.
Control of all the on-chip registers is via a simple 3-wire
interface. The device operates with a power supply rang-
ing from 3.0V to 3.6V and can be powered down when not
in use.
PRESCALER
P/P+1
13-BIT B
COUNTER
+
-
5-BIT A
COUNTER
LOAD
LOAD
N = (BP + A)
CHARGE
PUMP
LOCK
DETECT
REFIN
14-BIT
R COUNTER
CLK
DATA
LE
24-BIT
DATA REGISTER
24-BIT
FUNCTION
LATCH
PHASE
COMPARATOR
ADF4360-2
CP
AVDD
DVDD
CE
AGND
DGND
CPGND
RSET
VTUNE
RFOUT A
INTEGER
REGISTER
VCO
CORE
÷ 2
CC
CN
MULTIPLEXER
MUXOUT
RFOUT B
VVCO
OUTPUT
STAGE
MUTE
DIVSEL = 1
DIVSEL = 2


유사한 부품 번호 - ADF4360-2BCP

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4360-2BCPZ AD-ADF4360-2BCPZ Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2BCPZ AD-ADF4360-2BCPZ Datasheet
433Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-2BCPZRL AD-ADF4360-2BCPZRL Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2BCPZRL7 AD-ADF4360-2BCPZRL7 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2BCPZRL7 AD-ADF4360-2BCPZRL7 Datasheet
433Kb / 24P
   Integrated Synthesizer and VCO
More results

유사한 설명 - ADF4360-2BCP

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com