전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD18513Q5A 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD18513Q5A
상세설명  CSD18513Q5A 40-V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18513Q5A 데이터시트(HTML) 3 Page - Texas Instruments

  CSD18513Q5A Datasheet HTML 1Page - Texas Instruments CSD18513Q5A Datasheet HTML 2Page - Texas Instruments CSD18513Q5A Datasheet HTML 3Page - Texas Instruments CSD18513Q5A Datasheet HTML 4Page - Texas Instruments CSD18513Q5A Datasheet HTML 5Page - Texas Instruments CSD18513Q5A Datasheet HTML 6Page - Texas Instruments CSD18513Q5A Datasheet HTML 7Page - Texas Instruments CSD18513Q5A Datasheet HTML 8Page - Texas Instruments CSD18513Q5A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
CSD18513Q5A
www.ti.com
SLPS623 – NOVEMBER 2016
Product Folder Links: CSD18513Q5A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Specifications
5.1 Electrical Characteristics
TA = 25°C (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain to-source voltage
VGS = 0 V, ID = 250 μA
40
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 32 V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 μA
1.5
1.8
2.4
V
RDS(on)
Drain-to-source on resistance
VGS = 4.5 V, ID = 19 A
4.1
5.3
m
VGS = 10 V, ID = 19 A
2.8
3.4
gfs
Transconductance
VDS = 4 V, ID = 19 A
89
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
VGS = 0 V, VDS = 20 V, ƒ = 1 MHz
3300
4280
pF
Coss
Output capacitance
333
433
pF
Crss
Reverse transfer capacitance
178
231
pF
RG
Series gate resistance
0.9
1.8
Qg
Gate charge total (4.5 V)
VDS = 20 V, ID = 19 A
23
30
nC
Qg
Gate charge total (10 V)
47
61
nC
Qgd
Gate charge gate-to-drain
9.2
nC
Qgs
Gate charge gate-to-source
9.6
nC
Qg(th)
Gate charge at Vth
6.0
nC
Qoss
Output charge
VDS = 20 V, VGS = 0 V
15.3
nC
td(on)
Turnon delay time
VDS = 20 V, VGS = 10 V,
IDS = 19 A, RG = 0
6
ns
tr
Rise time
12
ns
td(off)
Turnoff delay time
21
ns
tf
Fall time
4
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 19 A, VGS = 0 V
0.8
1.0
V
Qrr
Reverse recovery charge
VDS= 20 V, IF = 19 A,
di/dt = 300 A/μs
14.7
nC
trr
Reverse recovery time
16
ns
(1)
RθJC is determined with the device mounted on a 1-in
2 (6.45-cm2), 2-oz (0.071-mm) thick Cu pad on a 1.5-in × 1.5-in
(3.81-cm × 3.81-cm), 0.06-in (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1-in2 (6.45-cm2), 2-oz (0.071-mm) thick Cu.
5.2 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case thermal resistance(1)
1.3
°C/W
RθJA
Junction-to-ambient thermal resistance(1)(2)
50
°C/W


유사한 부품 번호 - CSD18513Q5A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD18510KCS TI1-CSD18510KCS Datasheet
526Kb / 13P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
logo
Inchange Semiconductor ...
CSD18510KCS ISC-CSD18510KCS Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18510KTT TI1-CSD18510KTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
logo
Inchange Semiconductor ...
CSD18510KTT ISC-CSD18510KTT Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18510KTTT TI1-CSD18510KTTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
More results

유사한 설명 - CSD18513Q5A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18511KCS TI1-CSD18511KCS Datasheet
353Kb / 10P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18510KCS TI1-CSD18510KCS Datasheet
526Kb / 13P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18511Q5A TI1-CSD18511Q5A Datasheet
602Kb / 13P
[Old version datasheet]   CSD18511Q5A 40 V N-Channel NexFET Power MOSFET
CSD18510KTT TI1-CSD18510KTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
CSD18514Q5A TI1-CSD18514Q5A Datasheet
450Kb / 13P
[Old version datasheet]   CSD18514Q5A 40-V N-Channel NexFET Power MOSFET
CSD18512Q5B TI1-CSD18512Q5B Datasheet
659Kb / 13P
[Old version datasheet]   CSD18512Q5B 40 V N-Channel NexFET Power MOSFET
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18504KCS TI-CSD18504KCS Datasheet
299Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com