전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD18512Q5B 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD18512Q5B
상세설명  CSD18512Q5B 40 V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18512Q5B 데이터시트(HTML) 1 Page - Texas Instruments

  CSD18512Q5B Datasheet HTML 1Page - Texas Instruments CSD18512Q5B Datasheet HTML 2Page - Texas Instruments CSD18512Q5B Datasheet HTML 3Page - Texas Instruments CSD18512Q5B Datasheet HTML 4Page - Texas Instruments CSD18512Q5B Datasheet HTML 5Page - Texas Instruments CSD18512Q5B Datasheet HTML 6Page - Texas Instruments CSD18512Q5B Datasheet HTML 7Page - Texas Instruments CSD18512Q5B Datasheet HTML 8Page - Texas Instruments CSD18512Q5B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
D007
TC = 25°C, I D = 30 A
TC = 125°C, I D = 30 A
Qg - Gate Charge (nC)
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
7
8
9
10
D004
ID = 30 A, VDS = 20 V
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0093-01
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD18512Q5B
SLPS624 – DECEMBER 2016
CSD18512Q5B 40 V N-Channel NexFET™ Power MOSFET
1
1 Features
1
Low RDS(ON)
Low Thermal Resistance
Avalanche Rated
Logic Level
Pb-Free Terminal Plating
RoHS Compliant
Halogen-Free
SON 5 mm × 6 mm Plastic Package
2 Applications
DC-DC Conversion
Secondary Side Synchronous Rectifier
Motor Control
3 Description
This 40 V, 1.3 mΩ, 5 mm × 6 mm NexFET™ power
MOSFET is designed to minimize losses in power
conversion applications.
Top View
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain to source voltage
40
V
Qg
Gate charge total (10 V)
75
nC
Qgd
Gate charge gate to drain
13.3
nC
RDS(on)
Drain to source on resistance
VGS = 4.5 V
1.8
m
VGS = 10 V
1.3
m
VGS(th)
Threshold voltage
1.6
V
Ordering Information(1)
DEVICE
QTY
MEDIA
PACKAGE
SHIP
CSD18512Q5B
2500
13-Inch Reel
SON 5 mm × 6 mm
Plastic Package
Tape and
Reel
CSD18512Q5BT
250
7-Inch Reel
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain to source voltage
40
V
VGS
Gate to source voltage
±20
V
ID
Continuous drain current (package limited)
100
A
Continuous drain current (silicon limited),
TC = 25°C
211
Continuous drain current(1)
32
IDM
Pulsed drain current(2)
400
A
PD
Power dissipation(1)
3.1
W
Power dissipation, TC = 25°C
139
TJ,
Tstg
Operating Junction,
Storage Temperature
–55 to 150
°C
EAS
Avalanche energy, single pulse
ID = 64 A, L = 0.1 mH, RG = 25 Ω
205
mJ
(1) Typical RθJA = 40°C/W on a 1 inch
2 , 2 oz. Cu pad on a 0.06
inch thick FR4 PCB.
(2) Max RθJC = 0.9°C/W, pulse duration ≤100 μs, duty cycle ≤1%
RDS(on) vs VGS
Gate Charge


유사한 부품 번호 - CSD18512Q5B

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD18510KCS TI1-CSD18510KCS Datasheet
526Kb / 13P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
logo
Inchange Semiconductor ...
CSD18510KCS ISC-CSD18510KCS Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18510KTT TI1-CSD18510KTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
logo
Inchange Semiconductor ...
CSD18510KTT ISC-CSD18510KTT Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18510KTTT TI1-CSD18510KTTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
More results

유사한 설명 - CSD18512Q5B

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18511KCS TI1-CSD18511KCS Datasheet
353Kb / 10P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18510KCS TI1-CSD18510KCS Datasheet
526Kb / 13P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18511Q5A TI1-CSD18511Q5A Datasheet
602Kb / 13P
[Old version datasheet]   CSD18511Q5A 40 V N-Channel NexFET Power MOSFET
CSD18513Q5A TI1-CSD18513Q5A Datasheet
608Kb / 13P
[Old version datasheet]   CSD18513Q5A 40-V N-Channel NexFET Power MOSFET
CSD18510KTT TI1-CSD18510KTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
CSD18514Q5A TI1-CSD18514Q5A Datasheet
450Kb / 13P
[Old version datasheet]   CSD18514Q5A 40-V N-Channel NexFET Power MOSFET
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18504KCS TI-CSD18504KCS Datasheet
299Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com