전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSYT676-P2R1-1-Q2S1-35 데이터시트(PDF) 7 Page - OSRAM GmbH

부품명 LSYT676-P2R1-1-Q2S1-35
상세설명  optical indicators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSYT676-P2R1-1-Q2S1-35 데이터시트(HTML) 7 Page - OSRAM GmbH

Back Button LSYT676-P2R1-1-Q2S1-35 Datasheet HTML 3Page - OSRAM GmbH LSYT676-P2R1-1-Q2S1-35 Datasheet HTML 4Page - OSRAM GmbH LSYT676-P2R1-1-Q2S1-35 Datasheet HTML 5Page - OSRAM GmbH LSYT676-P2R1-1-Q2S1-35 Datasheet HTML 6Page - OSRAM GmbH LSYT676-P2R1-1-Q2S1-35 Datasheet HTML 7Page - OSRAM GmbH LSYT676-P2R1-1-Q2S1-35 Datasheet HTML 8Page - OSRAM GmbH LSYT676-P2R1-1-Q2S1-35 Datasheet HTML 9Page - OSRAM GmbH LSYT676-P2R1-1-Q2S1-35 Datasheet HTML 10Page - OSRAM GmbH LSYT676-P2R1-1-Q2S1-35 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LSY T676
2012-04-20
7
Durchlassstrom
2) Seite 17
Forward Current
2) page 17
I
F = f (VF); TA = 25 °C
Relative Lichtstärke
2) 7) Seite 17
Relative Luminous Intensity
2) 7) page 17
I
V/IV(20 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
2) Seite 17
Relative Luminous Intensity
2) page 17
I
V/IV(25 °C) = f (Tj); IF = 20 mA
OHL00232
10
-1
1.4
1.8
2.2
2.6
3 V 3.4
0
10
1
10
10
2
5
5
mA
5
1
F
V
F
I
10
10
10
0
-2
10-1
mA
1
10
I
F
2
I
V (20 mA)
I
100
V
101
OHL01062
super-red
yellow
T
OHL01068
0
V
I
-20
0
20
40
60
˚C 100
j
0.4
0.8
1.2
1.6
2.0
I
V
(25 ˚C)
yellow
super-red
super-red
yellow


유사한 부품 번호 - LSYT676-P2R1-1-Q2S1-35

제조업체부품명데이터시트상세설명
logo
ams AG
LSYT676-P2R1-1-0+Q2S1-35 AMSCO-LSYT676-P2R1-1-0+Q2S1-35 Datasheet
1Mb / 24P
   Two chip LEDs for indicators that allow to display red, green and yellow by color mixing
Version 1.2 2022-05-10
More results

유사한 설명 - LSYT676-P2R1-1-Q2S1-35

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LSYT67B OSRAM-LSYT67B Datasheet
429Kb / 15P
   optical indicators
LOGT77K OSRAM-LOGT77K Datasheet
519Kb / 16P
   optical indicators
LSYT676 OSRAM-LSYT676 Datasheet
398Kb / 17P
   optical indicators
LSGT77K-JL-1-HK-1 OSRAM-LSGT77K-JL-1-HK-1 Datasheet
365Kb / 16P
   optical indicators
logo
Copal Electronics
PZ-30 COPAL-PZ-30_16 Datasheet
139Kb / 7P
   PRESSURE INDICATORS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700-B00A1 AVAGO-HLMP-1700-B00A1 Datasheet
294Kb / 10P
   Telecommunications indicators
HLMP-1719-A00A2 AVAGO-HLMP-1719-A00A2 Datasheet
294Kb / 10P
   Telecommunications indicators
logo
Omron Electronics LLC
K3HB OMRON-K3HB Datasheet
1Mb / 32P
   Digital Indicators
logo
Copal Electronics
PZ-200 COPAL-PZ-200_16 Datasheet
91Kb / 4P
   PRESSURE INDICATORS
logo
QT Optoelectronics
MV53173 QT-MV53173 Datasheet
309Kb / 3P
   PANEL INDICATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com