전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTVH9G-Q2OO-25-1 데이터시트(PDF) 7 Page - OSRAM GmbH

부품명 LTVH9G-Q2OO-25-1
상세설명  Signal and Symbol Luminary
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTVH9G-Q2OO-25-1 데이터시트(HTML) 7 Page - OSRAM GmbH

Back Button LTVH9G-Q2OO-25-1 Datasheet HTML 3Page - OSRAM GmbH LTVH9G-Q2OO-25-1 Datasheet HTML 4Page - OSRAM GmbH LTVH9G-Q2OO-25-1 Datasheet HTML 5Page - OSRAM GmbH LTVH9G-Q2OO-25-1 Datasheet HTML 6Page - OSRAM GmbH LTVH9G-Q2OO-25-1 Datasheet HTML 7Page - OSRAM GmbH LTVH9G-Q2OO-25-1 Datasheet HTML 8Page - OSRAM GmbH LTVH9G-Q2OO-25-1 Datasheet HTML 9Page - OSRAM GmbH LTVH9G-Q2OO-25-1 Datasheet HTML 10Page - OSRAM GmbH LTVH9G-Q2OO-25-1 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Version 2.1
LT VH9G
2016-02-24
7
Relative Spectral Emission - V(λ) = Standard eye response curve 7) page 20
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 7) Seite 20
Irel = f (λ); TA = 25 °C; IF = 5 mA
Radiation Characteristics 7) page 20
Abstrahlcharakteristik 7) Seite 20
Irel = f (ϕ); TA = 25 °C
40
0
400
20
60
80
rel
I
100
%
nm
λ
OHL04094
Vλ
450
500
550
600
650
700
blue
true green
LT VH9G
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
ϕ [°]
0.0
0.2
0.4
0.6
0.8
1.0
Irel
: 0°
: 90°


유사한 부품 번호 - LTVH9G-Q2OO-25-1

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LTVH9G-Q2OO-25-1 OSRAM-LTVH9G-Q2OO-25-1 Datasheet
694Kb / 21P
   FIREFLY 0402
LTVH9G-Q2OO-25-1 OSRAM-LTVH9G-Q2OO-25-1 Datasheet
1Mb / 22P
   Gaming, Amusement, Gambling
More results

유사한 설명 - LTVH9G-Q2OO-25-1

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LRT64F OSRAM-LRT64F Datasheet
2Mb / 24P
   Signal and Symbol Luminary
LRY8SF OSRAM-LRY8SF Datasheet
494Kb / 21P
   Signal and Symbol Luminary
LYCKBP-JYKX-46-1 OSRAM-LYCKBP-JYKX-46-1 Datasheet
932Kb / 21P
   Signal and Symbol Luminary
LRT67D OSRAM-LRT67D Datasheet
756Kb / 20P
   Signal and Symbol Luminary
LUWCRBP-LXLZ-G4J4-1 OSRAM-LUWCRBP-LXLZ-G4J4-1 Datasheet
990Kb / 22P
   Signal and Symbol Luminary
LVT6SG OSRAM-LVT6SG Datasheet
695Kb / 24P
   Signal and Symbol Luminary
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
   Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
   Signal and Symbol Luminary
LTQH9G-Q2OO-25-2Z4Y OSRAM-LTQH9G-Q2OO-25-2Z4Y Datasheet
730Kb / 21P
   Signal and Symbol Luminary
LPT67K OSRAM-LPT67K Datasheet
441Kb / 19P
   Signal and Symbol Luminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com