전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTVH9G-Q2OO-25-1 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 LTVH9G-Q2OO-25-1
상세설명  Signal and Symbol Luminary
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTVH9G-Q2OO-25-1 데이터시트(HTML) 1 Page - OSRAM GmbH

  LTVH9G-Q2OO-25-1 Datasheet HTML 1Page - OSRAM GmbH LTVH9G-Q2OO-25-1 Datasheet HTML 2Page - OSRAM GmbH LTVH9G-Q2OO-25-1 Datasheet HTML 3Page - OSRAM GmbH LTVH9G-Q2OO-25-1 Datasheet HTML 4Page - OSRAM GmbH LTVH9G-Q2OO-25-1 Datasheet HTML 5Page - OSRAM GmbH LTVH9G-Q2OO-25-1 Datasheet HTML 6Page - OSRAM GmbH LTVH9G-Q2OO-25-1 Datasheet HTML 7Page - OSRAM GmbH LTVH9G-Q2OO-25-1 Datasheet HTML 8Page - OSRAM GmbH LTVH9G-Q2OO-25-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2016-02-24
1
2016-02-24
FIREFLY 0402
Datasheet
Version 2.1
LT VH9G
The FIREFLY is designed for use in mobile
communication applications. Due to its low height and
optical characteristics it is optimized for flat
backlighting of keypads.
Die FIREFLY wurde für den Einsatz in Consumer
Anwendungen entwickelt. Aufgrund ihrer geringen
Bauteilhöhe und optischen Eigenschaften ist sie
optimiert für flache indirekte Hinterleuchtung von
Schaltern.
Features:
Besondere Merkmale:
Package: SMT package, standard SMT footprint
0402, colorless diffused resin
Gehäusetyp: SMT Gehäuse, standard SMT
footprint 0402, farbloser diffuser Verguss
Technology: InGaN
Technologie: InGaN
Viewing angle at 50 % I
V: 110° (horizontal); 155°
(vertical)
Abstrahlwinkel bei 50 % I
V: 110° (horizontal);
155° (vertical)
Color: true green (530 nm)
Farbe: true green (530 nm)
Optical efficiency (typ.): 38 lm/W (true green)
Optischer Wirkungsgrad (typ.): 38 lm/W (true
green)
Applications
Anwendungen
Backlighting
Hinterleuchtung
Toys
Spielsachen
Signal and Symbol Luminary
Signal- und Symbolleuchten


유사한 부품 번호 - LTVH9G-Q2OO-25-1

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LTVH9G-Q2OO-25-1 OSRAM-LTVH9G-Q2OO-25-1 Datasheet
694Kb / 21P
   FIREFLY 0402
LTVH9G-Q2OO-25-1 OSRAM-LTVH9G-Q2OO-25-1 Datasheet
1Mb / 22P
   Gaming, Amusement, Gambling
More results

유사한 설명 - LTVH9G-Q2OO-25-1

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LRT64F OSRAM-LRT64F Datasheet
2Mb / 24P
   Signal and Symbol Luminary
LRY8SF OSRAM-LRY8SF Datasheet
494Kb / 21P
   Signal and Symbol Luminary
LYCKBP-JYKX-46-1 OSRAM-LYCKBP-JYKX-46-1 Datasheet
932Kb / 21P
   Signal and Symbol Luminary
LRT67D OSRAM-LRT67D Datasheet
756Kb / 20P
   Signal and Symbol Luminary
LUWCRBP-LXLZ-G4J4-1 OSRAM-LUWCRBP-LXLZ-G4J4-1 Datasheet
990Kb / 22P
   Signal and Symbol Luminary
LVT6SG OSRAM-LVT6SG Datasheet
695Kb / 24P
   Signal and Symbol Luminary
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
   Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
   Signal and Symbol Luminary
LTQH9G-Q2OO-25-2Z4Y OSRAM-LTQH9G-Q2OO-25-2Z4Y Datasheet
730Kb / 21P
   Signal and Symbol Luminary
LPT67K OSRAM-LPT67K Datasheet
441Kb / 19P
   Signal and Symbol Luminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com