전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA5954FP 데이터시트(PDF) 3 Page - Rohm

부품명 BA5954FP
상세설명  Current feedback actuator driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA5954FP 데이터시트(HTML) 3 Page - Rohm

  BA5954FP Datasheet HTML 1Page - Rohm BA5954FP Datasheet HTML 2Page - Rohm BA5954FP Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Appendix
Appendix1-Rev1.0
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document use silicon as a basic material.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


유사한 부품 번호 - BA5954FP

제조업체부품명데이터시트상세설명
logo
Rohm
BA5954FP ROHM-BA5954FP Datasheet
307Kb / 7P
   BLT Driver For CD-ROM
BA5954FP ROHM-BA5954FP_1 Datasheet
307Kb / 7P
   BLT Driver For CD-ROM
More results

유사한 설명 - BA5954FP

제조업체부품명데이터시트상세설명
logo
Silan Microelectronics ...
SA5624 SILAN-SA5624 Datasheet
211Kb / 7P
   ACTUATOR DRIVER WITH CURRENT FEEDBACK FOR CD - ROM / DVD
SA5954 SILAN-SA5954 Datasheet
237Kb / 7P
   ACTUATOR DRIVER WITH CURRENT FEEDBACK FOR CD - ROM / DVD
logo
Vishay Siliconix
IHPT-1411AF-ABA VISHAY-IHPT-1411AF-ABA Datasheet
404Kb / 3P
   Haptic Feedback Actuator
01-Jan-2022
IHPT-1411AF-AB0 VISHAY-IHPT-1411AF-AB0 Datasheet
108Kb / 3P
   Haptic Feedback Actuator
01-Jan-2022
logo
Analog Devices
ADA4927-1 AD-ADA4927-1 Datasheet
834Kb / 24P
   Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4927-1 AD-ADA4927-1_16 Datasheet
736Kb / 25P
   Ultralow Distortion Current Feedback Differential ADC Driver
logo
Linear Technology
LT1795 LINER-LT1795 Datasheet
187Kb / 12P
   Dual 500mA/50MHz Current Feedback Line Driver Amplifier
LT1795 LINER-LT1795_15 Datasheet
160Kb / 12P
   Dual 500mA/50MHz Current Feedback Line Driver Amplifier
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com