전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP709AQDBVRQ1 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP709AQDBVRQ1
상세설명  Automotive, Resistor-Programmable Temperature Switch in SOT Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP709AQDBVRQ1 데이터시트(HTML) 3 Page - Texas Instruments

  TMP709AQDBVRQ1 Datasheet HTML 1Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 2Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 3Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 4Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 5Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 6Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 7Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 8Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
1
SET
2
GND
3
OT
4
HYST
5
VCC
Not to scale
3
TMP709-Q1
www.ti.com
SBOS829 – DECEMBER 2016
Product Folder Links: TMP709-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
2
Analog power Device ground
HYST
4
Digital input
Hysteresis selection. For 10°C, HYST = VCC; for 2°C, HYST = GND.
OT
3
Digital output
Open-drain, active low output
SET
1
Analog input
Temperature set point. Connect an external 1% resistor between SET and GND.
VCC
5
Analog power Power-supply voltage (2.7 V to 5.5 V)


유사한 부품 번호 - TMP709AQDBVRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP709AIDBVR TI1-TMP709AIDBVR Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709AIDBVT TI1-TMP709AIDBVT Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
More results

유사한 설명 - TMP709AQDBVRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
logo
Global Mixed-mode Techn...
G708 GMT-G708 Datasheet
76Kb / 1P
   Resistor-Programmable SOT Temperature Switches
G709 GMT-G709 Datasheet
40Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
   Resistor-Programmable SOT Temperature Switches
2021
logo
Global Mixed-mode Techn...
G705 GMT-G705 Datasheet
84Kb / 1P
   Resistor-Programmable SOT Temperature Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com