전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

EXB28V 데이터시트(HTML) 3 Page - Nais(Matsushita Electric Works)

부품명 EXB28V
상세내용  Chip Resistor Array
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NAIS [Nais(Matsushita Electric Works)]
홈페이지  
Logo 

EXB28V 데이터시트(HTML) 3 Page - Nais(Matsushita Electric Works)

 
Zoom Inzoom in Zoom Outzoom out
/ 10 page
 3 / 10 page
background image
Subject
Chip Resistor Array PRODUCT SPECIFICATION FOR INFORMATION
Spec. No.
151-EXB-28V02DE
Part No.
EXB28V
EXB28V
EXB28V
EXB28V
9999----3333
MATSUSHITA ELECTRONIC COMPONENTS Co.,LTD.
As far as there shall be not designation especially, the following test and measurement shall be
operated under normal temperature(5
°C to 35 °C), normal humidity(45 %RH to 85 %RH),
normal atmospheric pressure(86 kPa to 106 kPa).
6. Performance Specification
Specification
Item
Resistor
Jumper
Test methods
DC resistance
DC resistance value shall be
within the specified tolerance
Measuring voltage: refer to JIS-C5201-1
At 20
°C, 65 %RH
Resistance
TCR
< 10Ω
×10-6 / °C
10
Ω to 1MΩ±200 ×10-6 / °C
Temperature
coefficient
Natural resistance change per temperature
degree centigrade.
R2 - R1
R1×(t2 - t1)
R1 : Resistance value at reference
temperature(t1)
R2 : Resistance value at test
temperature(t2)
t2 - t1 = 100 °C, t1 = 25 °C
Overload
±(2 %+0.1 Ω)
Less than
50 m
Resistors shall be applied 2.5 times the rated
voltage for 5 seconds.
Maximum over load voltage shall be 100 V.
Intermittent
overload
±(5 %+0.1 Ω)
Less than
50 m
Resistors shall be subjected to 10000 cycles of
2.5 times the rated voltage applied for 1
second with pause of 25 seconds between
tests.
Maximum over load voltage shall be 100 V
Dielectric
Withstanding
No evidence of flashover,
mechanical damage, arcing or
insulation breakdown.
AC 100V between substrate and termination
for 1 minute.
Insulation
Resistance
Min. 1,000 M
Insulation resistance between substrate and
termination shall be measured at DC 100V.
7. Mechanical characteristic
Specification
Item
Resistor
Jumper
Test methods
Terminal strength min. 4.9N
Copper plate: t=0.4 mm
Pull speed: 10 mm/s
No mechanical damage
Bend strength of
the face plating
±(1 %+0.05 Ω)
Less than
50 m
Substrate: Glass epoxy(t = 1.6 mm)
Span: 90 mm
Bending distance: 3 mm (10 seconds)
Solderability
Termination should be covered
uniformly with solder.
(min. 95 % coverage)
Resistors shall be dipped in the melted solder
bath at 235
°C ± 5 °C for 2 s ± 0.5 s. Flux shall
be removed from the surface of termination
with clean organic solvent.
TCR=
+600
−100


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
CAY10Chip Resistor Array 1 Bourns Electronic Solutions
EXB14VChip Resistor Array 1 2 3 4 5 MorePanasonic Semiconductor
RA1632CHIP RESISTOR ARRAY 1 2 List of Unclassifed Manufacturers
CAT10Chip Resistor Array 1 2 Bourns Electronic Solutions
P0402FCFLIP CHIP ARRAY 1 2 3 4 5 Protek Devices
ULC0404FC33CUNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY 1 2 3 4 5 MoreProtek Devices
FCRN3030805 PRECISION THIN FILM RESISTOR CSP CHIP SCALE PACKAGE 1 2 California Micro Devices Corp
MNR12Chip resistor networks 1 2 3 4 5 MoreRohm
CHF190104CBF800 W Power RF Flanged Chip Termination/Resistor 1 Bourns Electronic Solutions
P0402FC33CFLIP CHIP ARRAY 1 2 3 4 5 Protek Devices

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn