전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5019 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FAN5019
상세설명  6-Bit VID Controller 2-4 Phase VRM10.X Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5019 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5019 Datasheet HTML 7Page - Fairchild Semiconductor FAN5019 Datasheet HTML 8Page - Fairchild Semiconductor FAN5019 Datasheet HTML 9Page - Fairchild Semiconductor FAN5019 Datasheet HTML 10Page - Fairchild Semiconductor FAN5019 Datasheet HTML 11Page - Fairchild Semiconductor FAN5019 Datasheet HTML 12Page - Fairchild Semiconductor FAN5019 Datasheet HTML 13Page - Fairchild Semiconductor FAN5019 Datasheet HTML 14Page - Fairchild Semiconductor FAN5019 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
PRODUCT SPECIFICATION
FAN5019
REV. 1.0.7 1/5/04
11
Bill of Materials
Table 1. FAN5019 VRM/VRD10 Application Bill of Materials for Figure 1
Note:
The design shown in this datasheet should be used as a reference only. Please contact your Fairchild sales representative
for the latest information.
Ref
Qty
Description
Manufacturer/Number
U4
1
VRM10, Multi-Phase Controller
Fairchild FAN5019
U1–3
3
Sync MOSFET Driver, 12V/12V
Fairchild FAN5009
Q1–3
3
N-MOSFET, 30V, 50A, 8m
Fairchild FDD6696
Q4–9
6
N-MOSFET, 30V, 75A, 5m
Fairchild FDD6682
L1–3
3
Inductor, 650nH, 26A, 1.6m
Micrometals T50-8B/90, 5T, 16AWG
L4
1
Inductor, 630nH, 15A, 1.7m
Inter-Technical AK1418160052A-R63M
R1
1
10
Ω, 5%
RR RDLY, RT
3
301k
Ω, 1%
R5
1
15.0k
Ω, 1%
RPH1–3
3
100k
Ω, 1%
RA, RCS2
2
24.9k
Ω, 1%
RB1
1
10
Ω, 1%
RB
1
1.33k
Ω, 1%
RSW1–3
3
0
Ω, 5%
RCS1
1
37.4k
Ω, 1%
RLIM
1
200k
Ω, 1%
R19–21
3
1.5
Ω, 5%
RTH
1
NTC Thermistor, 100k
Ω, 5%
Panasonic ERT-J1V V104J
C1–7
7
1.0µF, 25V, 10% X7R
C8–10
3
0.1µF, 50V, 10% X7R
C12–14, CCS
4
4700pF, 25V, 10% X7R
CDLY
1
0.047µF, 25V, 10% X7R
CB
1
2200pF, 25V, 10% X7R
CA
1
470pF, 50V, 10% X7R
CFB
1
100pF, 50V, 5% NPO
CX
8
820µF, 2.5V, 20% 7m
Ω, POLY
Fujitsu FP-2R5RE821M
CZ
22
10µF, 6.3V, 20% X5R
CIN
6
470µF, 16V, 20%, 36m
Ω, Alum-Elec Rubycon 16MBZ470M


유사한 부품 번호 - FAN5019

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019BMTCX FAIRCHILD-FAN5019BMTCX Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
More results

유사한 설명 - FAN5019

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN53168 FAIRCHILD-FAN53168 Datasheet
397Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
FAN53180 FAIRCHILD-FAN53180 Datasheet
851Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
logo
STMicroelectronics
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
   6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
March 2004
logo
Maxim Integrated Produc...
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
logo
Analog Devices
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
   6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com