전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NL27WZ02 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 NL27WZ02
상세설명  Dual 2-Input NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ02 데이터시트(HTML) 1 Page - ON Semiconductor

  NL27WZ02_13 Datasheet HTML 1Page - ON Semiconductor NL27WZ02_13 Datasheet HTML 2Page - ON Semiconductor NL27WZ02_13 Datasheet HTML 3Page - ON Semiconductor NL27WZ02_13 Datasheet HTML 4Page - ON Semiconductor NL27WZ02_13 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2013
March, 2013 − Rev. 12
1
Publication Order Number:
NL27WZ02/D
NL27WZ02
Dual 2-Input NOR Gate
The NL27WZ02 is a high performance dual 2−input NOR Gate
operating from a 1.65 V to 5.5 V supply.
Features
Extremely High Speed: tPD 2.5 ns (typical) at VCC = 5.0 V
Designed for 1.65 V to 5.5 V VCC Operation
Over Voltage Tolerant Inputs
LVTTL Compatible − Interface Capability With 5.0 V TTL Logic
with VCC = 3.0 V
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current Substantially Reduces System
Power Requirements
Replacement for NC7WZ02
Chip Complexity: FET = 112
These Devices are Pb−Free and are RoHS Compliant
Figure 1. Pinout
VCC
A1
B1
GND
1
2
3
8
7
6
45
Y2
Y1
B2
A2
A2
Y2
Figure 2. Logic Symbol
w1
Y1
A1
B2
B1
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
US8
US SUFFIX
CASE 493
http://onsemi.com
1
8
L3 M G
G
L3
= Specific Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending upon
manufacturing location.
PIN ASSIGNMENT
Pin
1
2
3
4
5
6
7
8
Function
A1
B1
Y2
GND
A2
B2
Y1
VCC
Input
FUNCTION TABLE
B
L
H
L
H
Output
Y = A + B
Y
H
L
L
L
A
L
L
H
H


유사한 부품 번호 - NL27WZ02_13

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
   Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
More results

유사한 설명 - NL27WZ02_13

제조업체부품명데이터시트상세설명
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
   Dual 2-input NOR Gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
   Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
   Dual 2-input NOR gate
logo
STMicroelectronics
74V2G02 STMICROELECTRONICS-74V2G02 Datasheet
86Kb / 7P
   DUAL 2-INPUT NOR GATE
logo
Renesas Technology Corp
RD74LVC2G02 RENESAS-RD74LVC2G02 Datasheet
2Mb / 8P
   Dual 2-Input NOR Gate
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02 Datasheet
198Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74LVC2G02-Q100 NEXPERIA-74LVC2G02-Q100 Datasheet
784Kb / 13P
   Dual 2-input NOR gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02 Datasheet
55Kb / 6P
   Dual 2-Input NOR Gate
March, 2004 ??Rev. 6
logo
Diodes Incorporated
74LVC2G02 DIODES-74LVC2G02 Datasheet
509Kb / 11P
   DUAL 2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com