전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP1046AW 데이터시트(PDF) 45 Page - Analog Devices

부품명 ADP1046AW
상세설명  Digital Controller for Isolated
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP1046AW 데이터시트(HTML) 45 Page - Analog Devices

Back Button ADP1046AW Datasheet HTML 41Page - Analog Devices ADP1046AW Datasheet HTML 42Page - Analog Devices ADP1046AW Datasheet HTML 43Page - Analog Devices ADP1046AW Datasheet HTML 44Page - Analog Devices ADP1046AW Datasheet HTML 45Page - Analog Devices ADP1046AW Datasheet HTML 46Page - Analog Devices ADP1046AW Datasheet HTML 47Page - Analog Devices ADP1046AW Datasheet HTML 48Page - Analog Devices ADP1046AW Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
Data Sheet
ADP1046AW
Rev. 0 | Page 45 of 88
REGISTER LISTING
Table 7. Register List
Address
Register Name
Fault Registers
0x00
Fault Register 1
0x01
Fault Register 2
0x02
Fault Register 3
0x03
Fault Register 4
0x04
Latched Fault Register 1
0x05
Latched Fault Register 2
0x06
Latched Fault Register 3
0x07
Latched Fault Register 4
0x08
Fault Configuration Register 1
0x09
Fault Configuration Register 2
0x0A
Fault Configuration Register 3
0x0B
Fault Configuration Register 4
0x0C
Fault Configuration Register 5
0x0D
Fault Configuration Register 6
0x0E
Flag configuration
0x0F
Soft start blank fault flags
Value Registers
0x10
First flag ID
0x11
RTD current source
0x12
HF ADC reading
0x13
CS1 value (input current)
0x14
ACSNS value
0x15
VS1 voltage value
0x16
VS2 voltage value
0x17
VS3 voltage value (output voltage)
0x18
CS2 value (output current)
0x19
CS2 × VS3 value (output power)
0x1A
RTD temperature value
0x1B
Read temperature
0x1C
RTD offset trim (MSB)
0x1D
Share bus value
0x1E
Modulation value
0x1F
Line impedance value
0x20
RTD offset trim (LSBs)
Current Sense and Current Limit Registers
0x21
CS1 gain trim
0x22
CS1 accurate OCP limit
0x23
CS2 gain trim
0x24
CS2 analog offset trim
0x25
CS2 digital offset trim
0x26
CS2 accurate OCP limit
0x27
CS1/CS2 fast OCP settings
0x28
Volt-second balance settings
0x29
Share bus bandwidth
0x2A
Share bus setting
0x2B
Temperature gain trim
0x2C
PSON/soft start
0x2D
PGOOD debounce and pin polarity settings
0x2E
Modulation limit
0x2F
OTP threshold
0x30
OrFET


유사한 부품 번호 - ADP1046AW

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A-100-EVALZ AD-ADP1046A-100-EVALZ Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046AACPZ-R7 AD-ADP1046AACPZ-R7 Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046AACPZ-RL AD-ADP1046AACPZ-RL Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046ACPZ-R7 AD-ADP1046ACPZ-R7 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results

유사한 설명 - ADP1046AW

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138 Datasheet
1Mb / 68P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCC3138 TI1-UCC3138 Datasheet
1Mb / 78P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138128 TI-UCD3138128_15 Datasheet
2Mb / 80P
[Old version datasheet]   UCD3138x Highly-Integrated Digital Controller For Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com