전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM30C256-S 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 FM30C256-S
상세설명  256Kb Data Collector
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

FM30C256-S 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FM30C256-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 9Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 10Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 11Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 12Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 13Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 14Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
FM30C256
Rev 2.1
Dec. 2002
Page 11 of 18
be complete before the Acknowledge is sent.
Therefore, if the user desires to abort a write without
altering the memory contents, this should be done
using a Start or Stop condition prior to the 8th data
bit. Figures 6 and 7 illustrate a single- and multiple-
writes to memory.
S
A
Slave Address
0
Address MSB
A
Data Byte
A
P
By Master
By FM30C256
Start
Address & Data
Stop
Acknowledge
Address LSB
A
Figure 6. Single Byte Memory Write
S
A
Slave Address
0
Address MSB
A
Data Byte
A
P
By Master
By FM30C256
Start
Address & Data
Stop
Acknowledge
Address LSB
A
Data Byte
A
Figure 7. Multiple Byte Memory Write
Memory Read Operation
There are two types of memory read operations. They
are current address read and selective address read. In
a current address read, the FM30C256 uses the
internal address latch to supply the address. In a
selective read, the user performs a procedure to set
the address to a specific value.
Current Address & Sequential Read
As mentioned above the FM30C256 uses an internal
latch to supply the address for a read operation. A
current address read uses the existing value in the
address latch as a starting place for the read
operation. The system reads from the address
immediately following that of the last operation.
To perform a current address read, the bus master
supplies a slave address with the LSB set to 1. This
indicates that a read operation is requested. After
receiving
the
complete
device
address,
the
FM30C256 will begin shifting data out from the
current address on the next clock. The current address
is the value held in the internal address latch.
Beginning with the current address, the bus master
can read any number of bytes. Thus, a sequential read
is simply a current address read with multiple byte
transfers. After each byte the internal address counter
will be incremented.
Each time the bus master acknowledges a byte,
this indicates that the FM30C256 should read
out the next sequential byte.
There are four ways to terminate a read operation.
Failing to properly terminate the read will most likely
create a bus contention as the FM30C256 attempts to
read out additional data onto the bus. The four valid
methods follow.
1. The bus master issues a No-Acknowledge in the
9th clock cycle and a Stop in the 10th clock cycle.
This is illustrated in the diagrams below. This is
preferred.
2. The bus master issues a No-Acknowledge in the
9th clock cycle and a start in the 10th.
3. The bus master issues a Stop in the 9th clock
cycle.
4. The bus master issues a Start in the 9th clock
cycle.
If the internal address reaches 7FFFh, it will wrap
around to 0000h on the next read cycle. Figures 8 and
9 show the proper operation for current address reads.
Selective (Random) Read
There is a simple technique that allows a user to
select a random address location as the starting point
for a read operation. This involves using the first


유사한 부품 번호 - FM30C256-S

제조업체부품명데이터시트상세설명
logo
RFE international
FM300 RFE-FM300 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
logo
Extech Instruments Corp...
FM300 EXTECH-FM300 Datasheet
95Kb / 1P
   Desktop Formaldehyde (CH2O or HCHO) Monitor
logo
Rectron Semiconductor
FM3000 RECTRON-FM3000 Datasheet
217Kb / 7P
   GENERAL-PURPOSE PLASTIC RECTIFIERS
FM3000W RECTRON-FM3000W Datasheet
128Kb / 6P
   HIGH VOLTAGE RECTIFIER VOLTAGE RANGE 1200 to 3500 Volts CURRENT 0.2 to 0.5 Ampere
logo
SHENZHEN FUMAN ELECTRON...
FM3004 FUMAN-FM3004 Datasheet
153Kb / 4P
   USB charge controller
More results

유사한 설명 - FM30C256-S

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
ESRP-PCS-UNO420 ADVANTECH-ESRP-PCS-UNO420 Datasheet
814Kb / 2P
   Edge Data Collector
ESRP-PCS-WISE710 ADVANTECH-ESRP-PCS-WISE710 Datasheet
1Mb / 2P
   Edge Data Collector
SRP-IFS210-D36TAE ADVANTECH-SRP-IFS210-D36TAE Datasheet
312Kb / 2P
   Environment Data Collector
26-Jan-2022
ESRP-CNC-UNO1372 ADVANTECH-ESRP-CNC-UNO1372 Datasheet
1,009Kb / 2P
   Edge Data Collector
logo
Generalplus Technology ...
GPC252A GENERALPLUS-GPC252A Datasheet
438Kb / 17P
   256KB Sound Controller
GPL133A GENERALPLUS-GPL133A Datasheet
447Kb / 20P
   256KB LCD CONTROLLER
logo
Analog Devices
ADCLK914BCPZ-WP AD-ADCLK914BCPZ-WP Datasheet
304Kb / 12P
   Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
REV. A
ADCLK914 AD-ADCLK914 Datasheet
302Kb / 11P
   Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
logo
Renesas Technology Corp
R1LP5256E RENESAS-R1LP5256E_17 Datasheet
356Kb / 13P
   256Kb Advanced LPSRAM
logo
Generalplus Technology ...
GPC251A1 GENERALPLUS-GPC251A1 Datasheet
441Kb / 16P
   256KB Sound Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com