전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N5087 데이터시트(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

부품명 2N5087
상세설명  PNP Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
홈페이지  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

2N5087 데이터시트(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  2N5087 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 2N5087 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 2N5087 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 2N5087 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dated : 16/08/2016
Rev: 01
®
SEMTECH ELECTRONICS LTD.
2N5086 / 2N5087
PNP Silicon Epitaxial Planar Transistor
for switching and AF amplifier applications.
The transistor is subdivided into one group
according to it DC current gain. As complementary
type the NPN transistor 2N5088 and 2N5089 are
recommended.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
-VCBO
50
V
Collector Emitter Voltage
-VCEO
50
V
Emitter Base Voltage
-VEBO
3
V
Collector Current
-IC
50
mA
Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at -VCE = 5 V, -IC = 0.1 mA
at -VCE = 5 V, -IC = 1 mA
at -VCE = 5 V, -IC = 10 mA
2N5086
2N5087
2N5086
2N5087
2N5086
2N5087
hFE
hFE
hFE
hFE
hFE
hFE
150
200
150
200
150
200
500
800
-
-
-
-
-
-
-
-
-
-
Collector Base Cutoff Current
at -VCB = 35 V
-ICBO
-
50
nA
Emitter Base Cutoff Current
at -VEB = 3 V
-IEBO
-
50
nA
Collector Base Breakdown Voltage
at -IC = 100 µA
-V(BR)CBO
50
-
V
Collector Emitter Breakdown Voltage
at -IC = 1 mA
-V(BR)CEO
50
-
V
Emitter Base Breakdown Voltage
at -IE = 10 µA
-V(BR)EBO
3
-
V
Collector Emitter Saturation Voltage
at -IC = 10 mA, -IB = 1 mA
-VCE(sat)
-
0.3
V
Base Emitter Voltage
at -VCE = 5 V, -IC = 1 mA
-VBE(on)
-
0.85
V
Gain Bandwidth Product
at -VCE = 5 V, -IC = 0.5 mA
fT
40
-
MHz
Collector Output Capacitance
at -VCB = 10 V, f = 1 MHz
Cob
-
4
pF
1. Emitter 2. Base 3. Collector
TO-92 Plastic Package


유사한 부품 번호 - 2N5087

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
2N5087 MOTOROLA-2N5087 Datasheet
300Kb / 8P
   CASE 29.04, STYLE 1 TO-92 (TO-226AA)
logo
ON Semiconductor
2N5087 ONSEMI-2N5087 Datasheet
300Kb / 8P
   Amplifier Transistor(PNP Silicon)
November, 2001 ??Rev. 1
logo
NXP Semiconductors
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
logo
Fairchild Semiconductor
2N5087 FAIRCHILD-2N5087 Datasheet
58Kb / 6P
   PNP General Purpose Amplifier
logo
Micro Electronics
2N5087 MICRO-ELECTRONICS-2N5087 Datasheet
191Kb / 2P
   PNP/NPN SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
More results

유사한 설명 - 2N5087

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com