전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP31QF-PCB2140 데이터시트(PDF) 2 Page - WJ Communication. Inc.

부품명 FP31QF-PCB2140
상세설명  2-Watt HFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WJCI [WJ Communication. Inc.]
홈페이지  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP31QF-PCB2140 데이터시트(HTML) 2 Page - WJ Communication. Inc.

  FP31QF-PCB2140 Datasheet HTML 1Page - WJ Communication. Inc. FP31QF-PCB2140 Datasheet HTML 2Page - WJ Communication. Inc. FP31QF-PCB2140 Datasheet HTML 3Page - WJ Communication. Inc. FP31QF-PCB2140 Datasheet HTML 4Page - WJ Communication. Inc. FP31QF-PCB2140 Datasheet HTML 5Page - WJ Communication. Inc. FP31QF-PCB2140 Datasheet HTML 6Page - WJ Communication. Inc. FP31QF-PCB2140 Datasheet HTML 7Page - WJ Communication. Inc. FP31QF-PCB2140 Datasheet HTML 8Page - WJ Communication. Inc. FP31QF-PCB2140 Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
November 2004
FP31QF
2-Watt HFET
Product Information
The Communications Edge
TM
Typical Device Data
S-Parameters (VDS = +9 V, IDS = 450 mA, T = 25°C, calibrated to device leads)
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
S21, Maximum Stable Gain vs. Frequency
0
10
20
30
DB(|S[2,1]|)
DB(MSG)
10.0
5.
0
3.
0
4.
0
-0
.2
-
0.
4
S11
Swp Max
6GHz
Swp Min
0.01GHz
10.0
5.
0
3
.0
4.
0
-0
.2
-
0.
4
S22
Swp Max
6GHz
Swp Min
0.01GHz
Note:
Measurements were made on the packaged device in a test fixture with 50 ohm input and output lines.
The S-parameters shown are the de-embedded data down to the device leads and represents typical performance of the device.
Freq (MHz)
S11 (mag)
S11 (ang)
S21 (mag)
S21 (ang)
S12 (mag)
S12 (ang)
S22 (mag)
S22 (ang)
50
0.985
-21.82
24.458
166.25
0.006
76.01
0.096
-110.34
250
0.936
-88.63
17.968
128.52
0.020
43.34
0.329
-135.13
500
0.913
-128.61
11.520
104.42
0.025
22.03
0.431
-151.01
750
0.899
-148.43
8.132
90.03
0.026
10.75
0.465
-158.3
1000
0.900
-160.54
6.225
79.35
0.026
4.56
0.490
-162.14
1250
0.900
-169.15
4.988
70.50
0.025
0.35
0.514
-163.92
1500
0.900
-176.01
4.125
62.56
0.025
-2.975
0.532
-166.86
1750
0.905
178.53
3.504
55.28
0.024
-4.91
0.560
-168.72
2000
0.909
172.99
3.046
47.93
0.023
-5.54
0.587
-170.95
2250
0.910
168.27
2.656
41.65
0.022
-4.44
0.606
-172.86
2500
0.914
164.14
2.349
34.95
0.021
-1.12
0.629
-175.13
2750
0.914
160.09
2.117
28.98
0.021
5.24
0.656
-177.13
3000
0.915
156.76
1.897
23.31
0.022
12.75
0.671
-179.41
3250
0.922
153.22
1.721
17.69
0.026
23.36
0.695
177.36
3500
0.926
149.22
1.563
11.97
0.034
32.54
0.720
175.05
3750
0.941
144.67
1.433
6.20
0.058
34.08
0.734
171.21
4000
0.943
140.45
1.318
0.98
0.102
23.74
0.768
165.82
Device S-parameters are available for download off of the website at: http://www.wj.com
Load-Pull Data at 1.96 and 2.14 GHz
(Vds = 8 V, Ids = 500 mA, 25°C, ZS = 50 Ω, calibrated to device pins)
Freq (GHz)
ZS (
Ω)
ZL (
Ω)
Gain (dB)
P1dB (dBm) OIP3 (dBm)
PAE (%)
1.96
5 + j0
8 - j2
18.5
+34
+48
49
2.14
5 - j2
8 - j3
18.0
+34
+48
50
10.0
5.
0
3.
0
4.
0
-0
.2
-
0.
4
P1dB
Swp Max
1.96GHz
Swp Min
1e-009GHz
1.96 GHz
r 8 Ohm
x -2 Ohm
33
32
31
30
29
28
27
10.0
5.
0
3.
0
4.
0
-0
.2
-
0.
4
Output IP3
Swp Max
1.96GHz
Swp Min
1e-009GHz
1.96 GHz
r 8 Ohm
x -2 Ohm
48
47
46
45
44
43
42
41
P1dB max (1.96 GHz) = +34 dBm at ZL = 8 - j2 Ω
OIP3 max (1.96 GHz) = +48 dBm at ZL = 8 - j2 Ω
1
2
3
4
5
6
1
2
3
4
5
6


유사한 부품 번호 - FP31QF-PCB2140

제조업체부품명데이터시트상세설명
logo
WJ Communication. Inc.
FP31QF-PCB2140 WJCI-FP31QF-PCB2140 Datasheet
473Kb / 12P
   2-Watt HFET
More results

유사한 설명 - FP31QF-PCB2140

제조업체부품명데이터시트상세설명
logo
WJ Communication. Inc.
FP31QF WJCI-FP31QF_06 Datasheet
473Kb / 12P
   2-Watt HFET
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
   1/2 - Watt HFET
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
   쩍-Watt HFET
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
   1 - Watt HFET
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
   1-Watt HFET
logo
List of Unclassifed Man...
SHF-0589 ETC-SHF-0589 Datasheet
195Kb / 4P
   0.05-3 GHz, 2 Watt GaAs HFET
logo
SIRENZA MICRODEVICES
SHF-0589 SIRENZA-SHF-0589 Datasheet
192Kb / 4P
   0.05-3 GHz, 2 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD_15 Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
logo
SIRENZA MICRODEVICES
SHF-0289 SIRENZA-SHF-0289 Datasheet
91Kb / 4P
   0.05 - 6 GHz, 1.0 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com