전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-2533 데이터시트(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-2533
상세설명  LSTTL compatible
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2533 데이터시트(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2533 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
SwitchingSpecificationsatTA=25°C
VCC=5V,IF=8mA,RL=7.5kΩunlessotherwisespecified.
Parameter
Symbol
Min.
Typ.
Max.
Units
TestConditions
Fig.
Note
PropagationDelay
tPHL
0.8
1.5
µs
4,6
10
TimetoLogicLow
atOutput
PropagationDelay
tPLH
1.0
2.5
µs
4,6
10
TimetoLogicHigh
atOutput
CommonMode
CMH
1000
V/µs
IF=0mA,VCM=10VP–P
7
9,10
TransientImmunityat
LogicHighLevel
Output
CommonMode
CML
–1000
V/µs
VCM=10VP–P
7
9,10
TransientImmunityat
LogicLowLevelOutput
*Alltypicalsat25°C.
ElectricalSpecifications,LSTTL-to-LSTTL
Overrecommendedtemperature(TA=0˚Cto+70˚C)unlessotherwisespecified.
Parameter
Symbol
Min.
Typ.*
Max.
Units
TestConditions
Fig.
Note
CurrentTransferRatio
CTR
15
22
%
IF=8mA,VO=0.5V,
1
5,6
VCC=4.5V,TA=25°
11
15
%
IF=8mA,VO=0.5V,
VCC=4.5V
LogicLowOutput
VOL
0.2
0.5
V
IF=8mA,IO=0.7mA,
5
Voltage
VCC=4.5V
LogicLowSupply
ICCL
40
µA
IF1=IF2=8mA
Current
V01=V02=Open,
VCC=5.5V
InputForward
VF
1.5
1.7
V
IF=8mA,TA=25°C
2
5
Voltage
Temperature
∆VF
–1.6
mV/˚C
IF=8mA
5
CoefficientofForward
∆TA
Voltage


유사한 부품 번호 - HCPL-2533

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
HCPL-2533 BOARDCOM-HCPL-2533 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results

유사한 설명 - HCPL-2533

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NLU1GT04 ONSEMI-NLU1GT04 Datasheet
99Kb / 8P
   Single Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A Datasheet
262Kb / 18P
   Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
January, 2010 ??Rev. 0
MC74HCT14A ONSEMI-MC74HCT14A Datasheet
140Kb / 8P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
March, 2000 ??Rev. 7
MC74HCT14ADG ONSEMI-MC74HCT14ADG Datasheet
148Kb / 9P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
May, 2011 ??Rev. 12
logo
Leshan Radio Company
L74VHC1GT05 LRC-L74VHC1GT05 Datasheet
228Kb / 6P
   Inverter with Open DrainOutput with LSTTL-Compatible Inputs
L74VHC1GT08 LRC-L74VHC1GT08 Datasheet
184Kb / 6P
   2-Input AND Gate with LSTTL-Compatible Inputs
L74VHC1GT32 LRC-L74VHC1GT32 Datasheet
196Kb / 6P
   2-Input OR Gate with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT08A ONSEMI-MC74HCT08A_14 Datasheet
122Kb / 6P
   Quad 2-Input AND Gate with LSTTL Compatible
February, 2014 ??Rev. 9
NLU1GT14 ONSEMI-NLU1GT14 Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
logo
Motorola, Inc
MC74HCT04T MOTOROLA-MC74HCT04T Datasheet
77Kb / 6P
   With LSTTL-Compatible Inputs High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com