전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FXL4T245 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FXL4T245
상세설명  Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXL4T245 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FXL4T245 Datasheet HTML 1Page - Fairchild Semiconductor FXL4T245 Datasheet HTML 2Page - Fairchild Semiconductor FXL4T245 Datasheet HTML 3Page - Fairchild Semiconductor FXL4T245 Datasheet HTML 4Page - Fairchild Semiconductor FXL4T245 Datasheet HTML 5Page - Fairchild Semiconductor FXL4T245 Datasheet HTML 6Page - Fairchild Semiconductor FXL4T245 Datasheet HTML 7Page - Fairchild Semiconductor FXL4T245 Datasheet HTML 8Page - Fairchild Semiconductor FXL4T245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics V
CCA = 3.0V to 3.6V
AC Electrical Characteristics V
CCA = 2.3V to 2.7V
AC Electrical Characteristics V
CCA = 1.65V to 1.95V
AC Electrical Characteristics V
CCA = 1.4V to 1.6V
Symbol
Parameter
TA = −40°C to +85°C
Units
VCCB =
3.0V to 3.6V
VCCB =
2.3V to 2.7V
VCCB =
1.65V to 1.95V
VCCB =
1.4V to 1.6V
VCCB =
1.1V to 1.3V
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tPLH, tPHL Propagation Delay A to B
0.2
3.5
0.3
3.9
0.5
5.4
0.6
6.8
1.4
22.0
ns
Propagation Delay B to A
0.2
3.5
0.2
3.8
0.3
4.0
0.5
4.3
0.8
13.0
tPZH, tPZL Output Enable OE to B
0.5
4.0
0.7
4.4
1.0
5.9
1.0
6.4
1.5
17.0
ns
Output Enable OE to A
0.5
4.0
0.5
4.0
0.5
4.0
0.5
4.0
0.5
4.0
tPHZ, tPLZ Output Disable OE to B
0.2
3.8
0.2
4.0
0.7
4.8
1.5
6.2
2.0
17.0
ns
Output Disable OE to A
0.2
3.7
0.2
3.7
0.2
3.7
0.2
3.7
0.2
3.7
Symbol
Parameter
TA = −40°C to +85°C
Units
VCCB =
3.0V to 3.6V
VCCB =
2.3V to 2.7V
VCCB =
1.65V to 1.95V
VCCB =
1.4V to 1.6V
VCCB =
1.1V to 1.3V
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tPLH, tPHL Propagation Delay A to B
0.2
3.8
0.4
4.2
0.5
5.6
0.8
6.9
1.4
22.0
ns
Propagation Delay B to A
0.3
3.9
0.4
4.2
0.5
4.5
0.5
4.8
1.0
7.0
tPZH, tPZL Output Enable OE to B
0.6
4.2
0.8
4.6
1.0
6.0
1.0
6.8
1.5
17.0
ns
Output Enable OE to A
0.6
4.5
0.6
4.5
0.6
4.5
0.6
4.5
0.6
4.5
tPHZ, tPLZ Output Disable OE to B
0.2
4.1
0.2
4.3
0.7
4.8
1.5
6.7
2.0
17.0
ns
Output Disable OE to A
0.2
4.0
0.2
4.0
0.2
4.0
0.2
4.0
0.2
4.0
Symbol
Parameter
TA = −40°C to +85°C
Units
VCCB =
3.0V to 3.6V
VCCB =
2.3V to 2.7V
VCCB =
1.65V to 1.95V
VCCB =
1.4V to 1.6V
VCCB =
1.1V to 1.3V
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tPLH, tPHL Propagation Delay A to B
0.3
4.0
0.5
4.5
0.8
5.7
0.9
7.1
1.5
22.0
ns
Propagation Delay B to A
0.5
5.4
0.5
5.6
0.8
5.7
1.0
6.0
1.2
8.0
tPZH, tPZL Output Enable OE to B
0.6
5.2
0.8
5.4
1.2
6.9
1.2
7.2
1.5
18.0
ns
Output Enable OE to A
1.0
6.7
1.0
6.7
1.0
6.7
1.0
6.7
1.0
6.7
tPHZ, tPLZ Output Disable OE to B
0.2
5.1
0.2
5.2
0.8
5.2
1.5
7.0
2.0
17.0
ns
Output Disable OE to A
0.5
5.0
0.5
5.0
0.5
5.0
0.5
5.0
0.5
5.0
Symbol
Parameter
TA = −40°C to +85°C
Units
VCCB =
3.0V to 3.6V
VCCB =
2.3V to 2.7V
VCCB =
1.65V to 1.95V
VCCB =
1.4V to 1.6V
VCCB =
1.1V to 1.3V
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tPLH, tPHL Propagation Delay A to B
0.5
4.3
0.5
4.8
1.0
6.0
1.0
7.3
1.5
22.0
ns
Propagation Delay B to A
0.6
6.8
0.8
6.9
0.9
7.1
1.0
7.3
1.3
9.5
tPZH, tPZL Output Enable OE to B
1.1
7.5
1.1
7.6
1.3
7.7
1.4
7.9
2.0
20.0
ns
Output Enable OE to A
1.0
7.5
1.0
7.5
1.0
7.5
1.0
7.5
1.0
7.5
tPHZ, tPLZ Output Disable OE to B
0.4
6.1
0.4
6.2
0.9
6.2
1.5
7.5
2.0
18.0
ns
Output Disable OE to A
1.0
6.0
1.0
6.0
1.0
6.0
1.0
6.0
1.0
6.0


유사한 부품 번호 - FXL4T245

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FXL4T245 ONSEMI-FXL4T245 Datasheet
613Kb / 11P
   Low Voltage Dual Supply 4-Bit Signal Translator
Revised June 2004
FXL4T245BQX ONSEMI-FXL4T245BQX Datasheet
613Kb / 11P
   Low Voltage Dual Supply 4-Bit Signal Translator
Revised June 2004
More results

유사한 설명 - FXL4T245

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FXL4TD245 FAIRCHILD-FXL4TD245 Datasheet
403Kb / 12P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE
FXL2T245 FAIRCHILD-FXL2T245 Datasheet
357Kb / 9P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245 Datasheet
549Kb / 9P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245_10 Datasheet
568Kb / 11P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Signal Levels, and 3-State Outputs
FXL2TD245 FAIRCHILD-FXL2TD245 Datasheet
747Kb / 12P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent
FXLA0104 FAIRCHILD-FXLA0104 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels,
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104UM12X FAIRCHILD-FXLA104UM12X Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102_12 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com