전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMA36 데이터시트(PDF) 8 Page - TE Connectivity Ltd

부품명 KMA36
상세설명  Contactless Absolute 360째 (180째) angle measurement
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

KMA36 데이터시트(HTML) 8 Page - TE Connectivity Ltd

Back Button KMA36 Datasheet HTML 4Page - TE Connectivity Ltd KMA36 Datasheet HTML 5Page - TE Connectivity Ltd KMA36 Datasheet HTML 6Page - TE Connectivity Ltd KMA36 Datasheet HTML 7Page - TE Connectivity Ltd KMA36 Datasheet HTML 8Page - TE Connectivity Ltd KMA36 Datasheet HTML 9Page - TE Connectivity Ltd KMA36 Datasheet HTML 10Page - TE Connectivity Ltd KMA36 Datasheet HTML 11Page - TE Connectivity Ltd KMA36 Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
KMA36
Contactless Rotational and Linear Encoder
SENSOR SOLUTIONS /// KMA36 Rev 11
4/2016
Page 8
Registers (Overview)
The KMA36 contains the following I/O registers:
Registers of the KMA36
Register
Size
Read/Write
Function
KCONF
8 bit
R/W
Configuration bits
KRES
16 bit
R/W
Resolution
MA
16 bit
R
Magnetic angle
ILC
32 bit
R
Incremental Counter
Table 7:
Registers of the KMA36
I2C Bus
The KMA36 is always operating as a pure slave.
I2C Reading data
It is possible to read up to ten bytes as described in the following figure.
TWI - Read data
Byte
0
1
2
3
4
5
6
7
8
9
MA0
MA1
ILC0
ILC1
ILC2
ILC3
KCONF
KRESL
KRESH
CSSEND
Read/Write
R
R
R
R
R
R
R
R
R
R
Initial value
0x00
0x00
0x00
0x00
0x00
0x00
0x03
0x00
0x04
Byte 0:1 - MA1:0: Magnetic angle
Unsigned integer giving the magnetic angle in degree with the
configured resolution
Byte 2:5 - ILC3:0: Incremental linear
counter
Signed long giving the incremental linear counter in degree with the configured
resolution.
Byte 6 - KCONF: Configuration register
Unsigned char giving the configuration register
value.
Byte 8:7 - KRES: Resolution register
Contains the desired
resolution.
Byte 9 - CSSEND: Checksum - Senddata (Low-Byte of sum of
Byte[0..9])
Table 8:
Read data


유사한 부품 번호 - KMA36

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
KMA36 ETC2-KMA36 Datasheet
706Kb / 16P
   KMA36 universal magnetic encoder
logo
Humirel
KMA36 HUMIREL-KMA36 Datasheet
242Kb / 6P
   Digital Component Sensor (DCS) Development Tools
logo
TE Connectivity Ltd
KMA36R TEC-KMA36R Datasheet
196Kb / 4P
   Digital Magnetic Encoder Sensor
logo
Humirel
KMA36R HUMIREL-KMA36R Datasheet
144Kb / 3P
   Digital Magnetic Encoder Sensor
More results

유사한 설명 - KMA36

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
TPT300V TEC-TPT300V Datasheet
203Kb / 6P
   Contactless Temperature Measurement
TS105-10L5.5MM TEC-TS105-10L5.5MM Datasheet
153Kb / 5P
   For Contactless Temperature Measurement
logo
ams AG
AS5043 AMSCO-AS5043 Datasheet
626Kb / 26P
   PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
AS5046 AMSCO-AS5046 Datasheet
77Kb / 2P
   PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
AS5046 AMSCO-AS5046_1 Datasheet
880Kb / 33P
   PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
logo
PHOENIX CONTACT
2701216 PHOENIX-2701216 Datasheet
74Kb / 4P
   Absolute and differential temperature measurement (configurable)
logo
Level One
FCS-3091 LVL1-FCS-3091 Datasheet
515Kb / 6P
   2-Megapixel (1600 x 1200) high-definition resolution Offers various 360째/180째 video modes for panoramic wide-angle surveillance
logo
Murata Manufacturing Co...
SCA10H MURATA-SCA10H Datasheet
501Kb / 15P
   Contactless measurement enables continuous monitoring without disturbing the patient
logo
ams AG
AS5171 AMSCO-AS5171 Datasheet
837Kb / 42P
   Accurate angle measurement
AS5170 AMSCO-AS5170 Datasheet
1Mb / 47P
   Accurate angle measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com