전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL4701 데이터시트(PDF) 11 Page - Agilent(Hewlett-Packard)

부품명 HCPL4701
상세설명  Very Low Power Consumption High Gain Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL4701 데이터시트(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL4701 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Notes:
1. Specification information is available
form the factory for 1.6 V operation.
Call your local field sales office for
further information.
2. DC CURRENT TRANSFER RATIO is
defined as the ratio of output
collector current, IO, to the forward
LED input current, IF, times 100%.
3. Device considered a two terminal
device: pins 1, 2, 3, and 4 shorted
together, and pins 5, 6, 7, and 8
shorted together.
4. In accordance with UL 1577, each
optocoupler is proof tested by
applying an insulation test voltage
≥ 3000 V
RMS for 1 second (leakage
detection current limit, II-O ≤ 5 µA.
4a. In accordance with UL 1577, each
optocoupler is proof tested by
applying an insulation test voltage
≥ 6000 V
RMS for 1 second (leakage
detection current limit, II-O ≤ 5 µA.
This test is performed before the
100% production test for partial
discharge (Method b) shown in the
VDE 0884 Insulation Characteristics
Table.
5. Measured between pins 1 and 2
shorted together, and pins 3 and 4
shorted together.
6. Common transient immunity in a
Logic High level is the maximum
tolerable (positive) dVCM/dt on the
leading edge of the common mode
pulse, VCM, to assure that the output
will remain in a Logic High state (i.e.,
VO > 2.0 V). Common transient
immunity in a Logic Low level is he
maximum tolerable (negative)
dVCM/dt on the trailing edge of the
common mode pulse, VCM, to assure
that the output will remain in a Logic
Low state (i.e., VO < 0.8 V).
7. In applications where dV/dt may
exceed 50,000 V/
µs (such as static
discharge) a series resistor, RCC,
should be included to protect the
detector IC form destructively high
surge currents. The recommended
value is RCC = 220 Ω.
8. Use of a 0.1
µF bypass capacitor con-
nected between pins 8 and 5 adjacent
to the device is recommended.
9. Pin 7 open for single channel product.
10. Use of resistor between pins 5 and 7
will decrease gain and delay time.
Significant reduction in overall gain
can occur when using resistor values
below 47 k
Ω for single channel
product.
11. The Applications Information section
of this data sheet references the
HCPL-47XX part family, but applies
equally to the HCPL-070A and HCPL-
073A parts.
Figure 2. DC Transfer Characteristics
(IF = 0.5 mA to 2.5 mA).
Figure 3. DC Transfer Characteristics
(IF = 50 µA to 250 µA).
Figure 4. Current Transfer Ratio vs.
Forward Current.
Figure 5. Output Current vs. Input
Diode Forward Current.
Figure 6. Input Diode Forward
Current vs. Forward Voltage.
Figure 7. Propagation Delay vs.
Temperature.
0
7
0
VO – OUTPUT VOLTAGE – V
2.0
6
5
4
3
2
1
1.0
TA = 25°C
VCC = 5 V
IF = 250 µ
A
IF = 200 µA
IF = 150 µ
A
IF = 100 µA
IF = 50 µA
0.8
0.01
VF – FORWARD VOLTAGE
1.5
10
1.0
0.1
0.9
1.3
100
1.0
1.1
1.2
1.4
TA = 25°C
IF
VF
+
0
27
0
VO – OUTPUT VOLTAGE – V
2.0
24
21
18
15
12
9
6
3
1.0
TA = 25°C
VCC = 5 V
IF =
2.5
mA
IF =
2.0
mA
IF =
1.5 mA
IF = 1.0
mA
IF = 0.5
mA
0.01
1.25
0
IF – FORWARD CURRENT – mA
10
0.75
0.5
0.25
0.1
1.0
1.0
25°C
70°C
0°C
NORMALIZED
IF = 40 µA
VO = 0.4 V
VCC = 5 V
0
9
0
IF – INPUT DIODE FORWARD CURRENT – mA
0.5
8
7
6
5
4
3
2
1
0.1
VO = 0.4 V
VCC = 5 V
0.2
0.3
0.4
25°C
0°C
70°C
0
0
TA – TEMPERATURE – °C
70
70
60
50
40
30
20
10
50
IF = 0.5 mA
RL = 4.7 kΩ
10
20
30
40
60
tPLH
tPHL


유사한 부품 번호 - HCPL4701

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL4200 HP-HCPL4200 Datasheet
460Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
logo
Texas Instruments
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
More results

유사한 설명 - HCPL4701

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070A-000E AVAGO-HCPL-070A-000E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-4701-500E AVAGO-HCPL-4701-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
ATMEL Corporation
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
   Very Low Power Consumption
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
   Very Low Power Consumption
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com