전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7-1393146-2 데이터시트(PDF) 4 Page - TE Connectivity Ltd

부품명 7-1393146-2
상세설명  Plug-in version, PCB terminals, chassis or DIN rail mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1393146-2 데이터시트(HTML) 4 Page - TE Connectivity Ltd

  7-1393146-2 Datasheet HTML 1Page - TE Connectivity Ltd 7-1393146-2 Datasheet HTML 2Page - TE Connectivity Ltd 7-1393146-2 Datasheet HTML 3Page - TE Connectivity Ltd 7-1393146-2 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Panel/Plug-in Relays
Power Relay RM 5/6/B 3mm (Continued)
Product key
Contacts
Cont. material
Version
Enclosure
Coil
Coil
Part number
RM502024
2 form A,
AgCdO
Without
Plain cover
DC coil
24VDC
6-1393146-1
RM502524
2 NO contacts
AgCdO
test button
QC 4.8mm
AC coil
24VAC
6-1393146-2
RM502615
16A
AgCdO
without
115VAC
6-1393146-3
RM502730
AgCdO
mech. indicator
230VAC
6-1393146-4
RM503024
AgCdO
Mounting brackets
DC coil
24VDC
8-1393148-0
RM503615
AgCdO
quick c. 4.8mm
AC coil
115VAC
6-1393146-5
RM505024
AgCdO
Mounting brackets
DC coil
24VDC
8-1393148-3
RM525012
AgNi
Mounting brackets
DC coil
12VDC
5-1415544-6
RM505615
AgCdO
QC 6.3mm
AC coil
115VAC
6-1393146-6
RM505730
AgCdO
230VAC
9-1393149-9
RM507024
AgCdO
PCB version
DC coil
24VDC
1393844-1
RM507524
AgCdO
AC coil
24VAC
5-1415008-1
RM507615
AgCdO
115VAC
6-1415015-1
RM507730
AgCdO
230VAC
1415008-1
RM535024
AgCdO
With test button
Mounting brackets
DC coil
24VDC
7-1393146-2
RM535524
AgCdO
w/o mech.indicator
QC 6.3mm
AC coil
24VAC
9-1393148-0
RM602024
3 form A,
AgCdO
Without
Plain cover
DC coil
24VDC
1393844-4
RM602615
3 NO contacts
AgCdO
test button
QC 4.8mm
AC coil
115VAC
9-1393148-7
RM605730
10A
AgCdO
without
Mount.br. q.c.6.3
230VAC
7-1393146-6
RM607024
AgCdO
mech. indicator
PCB version
DC coil
24VDC
1393844-6
RM607524
AgCdO
AC coil
24VAC
7-1393146-8
RM607615
AgCdO
115VAC
8-1415015-1
RM607730
AgCdO
230VAC
7-1393146-9
RM632024
AgCdO
With
Plain cover
DC coil
24VDC
8-1393146-0
RM632730
AgCdO
test button
QC 4.8mm
AC coil
230VAC
1393149-7
RM635024
AgCdO
without
Mount.br.QC 6.3
DC coil
24VDC
7-1393107-7
RM637024
AgCdO
mech. indicator
PCB version
24VDC
1393149-9
RMB07024
3 A (NO) cont. 16A
AgCdO
W/o test, indicator
24VDC
2-1415543-7
RMB07012
3 A (NO) cont. 16A
AgCdO
W/o test, indicator
12VDC
1-1415545-6


유사한 부품 번호 - 7-1393146-2

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
7-1393146-2 TEC-7-1393146-2 Datasheet
363Kb / 4P
   General Purpose
More results

유사한 설명 - 7-1393146-2

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
RM2 TEC-RM2 Datasheet
333Kb / 4P
   Plug-in version, PCB terminals, chassis- or DIN-rail mount
RM-8 TEC-RM-8 Datasheet
293Kb / 3P
   Chassis or DIN rail mount
V23134-A0052-C643 TEC-V23134-A0052-C643 Datasheet
481Kb / 4P
   Plug-in or PCB terminals
logo
Altech corporation
WMRBU ALTECH-WMRBU Datasheet
304Kb / 2P
   DIN Rail, Panel Mount or Wall Mount
logo
Vicor Corporation
AIM1714XB6MC7D5YZZ VICOR-AIM1714XB6MC7D5YZZ Datasheet
319Kb / 14P
   Chassis Mount or PCB Mount Form Factor
logo
Ningbo Tianbo Ganglian ...
TRV6 TIANBO-TRV6 Datasheet
976Kb / 3P
   plug-in or pc board terminals
logo
List of Unclassifed Man...
SRN4-C ETC2-SRN4-C Datasheet
135Kb / 2P
   Panel mount or 35mm Din Rail (EN50022)
logo
TE Connectivity Ltd
KUKUP TEC-KUKUP Datasheet
1Mb / 5P
   Sockets available for panel, DIN rail or PCB mounting
logo
Schurter Inc.
4850.2610 SCHURTER-4850.2610_V02 Datasheet
235Kb / 2P
   , 6-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2810 SCHURTER-4850.2810_V02 Datasheet
235Kb / 2P
   , 8-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com