전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7-1393117-9 데이터시트(PDF) 5 Page - TE Connectivity Ltd

부품명 7-1393117-9
상세설명  Sockets available for panel, DIN rail or PCB mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1393117-9 데이터시트(HTML) 5 Page - TE Connectivity Ltd

  7-1393117-9 Datasheet HTML 1Page - TE Connectivity Ltd 7-1393117-9 Datasheet HTML 2Page - TE Connectivity Ltd 7-1393117-9 Datasheet HTML 3Page - TE Connectivity Ltd 7-1393117-9 Datasheet HTML 4Page - TE Connectivity Ltd 7-1393117-9 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
General Purpose Relays
Industrial Relays
KUP Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
5
Potter & Brumfield
Product Code Arrangement
Material
Coil
Terminals
Mounting
Part Number
KUP-5A15-24
1 form C, 1 CO
AgCdO
24VAC
4.75mm (.187in) QC
Socket mount, plain case
6-1393118-0
KUP-5A15-120
120VAC
5-1393119-9
KUP-5A15-240
240VAC
6-1393118-1
KUP-5A55-120
120VAC
Bracket mount case
6-1393118-3
KUP-5D15-12
12VDC
Socket mount, plain case
6-1393118-6
KUP-5D15-24
24VDC
6-1393118-7
KUP-5D55-12
12VDC
Bracket mount case
7-1393118-0
KUP-5D55-24
24VDC
7-1393118-1
KUP-11A11-120
2 form C, 2 CO
Ag
120VAC
Socket mount, plain case
1-1393117-7
KUP-11A15-12
AgCdO
12VDC
1-1393117-8
KUP-11A15-24
24VAC
2-1393117-1
KUP-11A15-120
120VAC
1-1393117-9
KUP-11A15-240
240VAC
2-1393117-2
KUP-11A35-120
120VAC
Socket mount case w/ indicator lamp
2-1393117-5
KUP-11A55-24
24VAC
Bracket mount case
3-1393117-0
KUP-11A55-120
120VAC
2-1393117-9
KUP-11AT5-120
Top flange case
1-1393117-4
KUP-11D11-24
Ag
24VDC
Socket mount, plain case
4-1393117-2
KUP-11D15-5
AgCdO
5VDC
4-1393117-8
KUP-11D15-12
12VDC
4-1393117-4
KUP-11D15-24
24VDC
4-1393117-5
KUP-11D15-36
36VDC
4-1393117-6
KUP-11D15-110
110VDC
4-1393117-3
KUP-11D35-24
24VDC
Socket mount case w/ indicator lamp
5-1393117-3
KUP-11D55-6
6VDC
Bracket mount case
6-1393117-0
KUP-11D55-12
12VDC
5-1393117-6
KUP-11D55-24
24VDC
5-1393117-8
KUP-11D55-48
48VDC
5-1393117-9
KUP-11D55-110
110VDC
5-1393117-5
KUP-14A11-120
3 form C, 3 CO
Ag
120VAC
Socket mount, plain case
7-1393117-3
KUP-14A15-12
AgCdO
12VAC
7-1393117-7
KUP-14A15-24
24VAC
7-1393117-9
KUP-14A15-120
120VAC
7-1393117-8
KUP-14A15-240
240VAC
8-1393117-0
KUP-14A25-120
120VAC
Socket mount w/ test button
8-1393117-3
KUP-14A35-120
Socket mount w/ indicator lamp
8-1393117-7
KUP-14A35-240
240VAC
8-1393117-9
KUP-14A35F-120
AgCdO w/ Au flash 120VAC
9-1393117-0
KUP-14A45-120
AgCdO
Socket mount w/ test button, indicator lamp
9-1393117-4
KUP-14A55-24
24VAC
Bracket mount case
1393118-2
KUP-14A55-120
120VAC
9-1393117-9
KUP-14A55-240
240VAC
1393118-3
KUP-14D11-24
Ag
24VDC
Socket mount, plain case
1-1393118-0
KUP-14D15-6
AgCdO
6VDC
1-1393118-8
KUP-14D15-12
12VDC
1-1393118-3
KUP-14D15-24
24VDC
1-1393118-4
KUP-14D15-48
48VDC
1-1393118-7
KUP-14D15-110
110VDC
1-1393118-2
KUP-14D25-24
24VDC
Socket mount w/ test button
2-1393118-3
KUP-14D35-24
Socket mount w/ indicator lamp
2-1393118-7
KUP-14D35-110
110VDC
2-1393118-6
KUP-14D35F-110
AgCdO w/ Au flash
2-1393118-9
KUP-14D45-110
AgCdO
Socket mount w/ test button, indicator lamp
3-1393118-1
KUP-14D55-12
12VDC
Bracket mount case
3-1393118-7
KUP-14D55-24
24VDC
3-1393118-8
KUP-17A19-120
4 form C, 4 CO
120VAC 2.79mm (.110in) QC
Socket mount, plain case
4-1393118-2
KUP-17A55-24
24VAC
Bracket mount case
4-1393118-6
KUP-17D19-24
24VDC
Socket mount, plain case
5-1393118-0
KUP-17D55-24
24VDC
Bracket mount case
5-1393118-3


유사한 부품 번호 - 7-1393117-9

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
7-1393117-9 TEC-7-1393117-9 Datasheet
1Mb / 5P
   Wide selection of termination and mounting styles
More results

유사한 설명 - 7-1393117-9

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BMXXBP0800 ETC-BMXXBP0800 Datasheet
72Kb / 1P
   panel, plate or DIN rail mounting
BMXXBP1200 ETC-BMXXBP1200 Datasheet
67Kb / 1P
   panel, plate or DIN rail mounting
logo
Schneider Electric
BMXXBP0600 SCHNEIDER-BMXXBP0600 Datasheet
105Kb / 5P
   rack M340 - 6 slots - panel, plate or DIN rail mounting
Aug 10, 2019
BMXXBP0400 SCHNEIDER-BMXXBP0400 Datasheet
106Kb / 5P
   rack M340 - 4 slots - panel, plate or DIN rail mounting
Aug 11, 2019
BMXXBP0600H SCHNEIDER-BMXXBP0600H Datasheet
105Kb / 5P
   ruggedized rack M340 - 6 slots - panel, plate or DIN rail mounting
Aug 11, 2019
BMXXBP0800H SCHNEIDER-BMXXBP0800H Datasheet
104Kb / 5P
   ruggedized rack M340 - 8 slots - panel, plate or DIN rail mounting
Aug 10, 2019
BMXXBP0400H SCHNEIDER-BMXXBP0400H Datasheet
106Kb / 5P
   ruggedized rack M340 - 4 slots - panel, plate or DIN rail mounting
Aug 10, 2019
logo
Pepperl+Fuchs Inc.
UPR-INS-03 PF-UPR-INS-03 Datasheet
432Kb / 2P
   Insert for DIN Mounting Rail
2020-09-23
UPR-COVER PF-UPR-COVER Datasheet
366Kb / 2P
   Cover for DIN Mounting Rail
2021-04-08
POWERBUS-COV.250 PF-POWERBUS-COV.250 Datasheet
361Kb / 2P
   Cover for DIN Mounting Rail
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com