전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8-1393211-4 데이터시트(PDF) 3 Page - TE Connectivity Ltd

부품명 8-1393211-4
상세설명  Meets requirements of UL Class F construction
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

8-1393211-4 데이터시트(HTML) 3 Page - TE Connectivity Ltd

  8-1393211-4 Datasheet HTML 1Page - TE Connectivity Ltd 8-1393211-4 Datasheet HTML 2Page - TE Connectivity Ltd 8-1393211-4 Datasheet HTML 3Page - TE Connectivity Ltd 8-1393211-4 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
11-2012, Rev. 1112
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
High Power PCB Relays
T92 Series Two-pole 30A PCB or Panel Mount Relay (Continued)
Potter & Brumfield
Terminal assignment
Bottom view on pins
2 form A
2 form C
Product code structure
Typical product code
T92
S
11
D
2
2
-24
Type
T92
Printed circuit board / panel mount power relay T92
Enclosure
P
Dust protected plastic case
S
Wash-tight, tape sealed, plastic case (Mounting and termination code 1)
Top sealed, not wash-tight, not tape sealed on bottom (Mounting and termination codes 2, 3 & 4)
Contact arrangement
7
2 form A (2 NO)
11 2 form C (2 CO)
Coil Input
A
AC voltage, 60Hz or 50/60 Hz (consult coil versions table)
D DC voltage
Mounting and termination
1
Printed circuit board mount; printed circuit board terminals.
2
Panel mount via flanged cover; .250” (6.35mm) x .032” (.81mm) QC terminal
3
Panel mount via flanged cover; .187” (4.75mm) x .032” (.81mm) QC terminals for coil and .250” (6.35mm) for contacts
4
Panel mount via flanged cover, .187” (4.75mm) x .020” (.51mm) QC terminals for coil and .250” (6.35mm) for contacts.
5
Panel mount via flanged cover, M4 screws w/ captive pressure plates. Requires Enclosure P and Contact arrangement 7.
Contact material
2
AgCdO
4
AgSnOInO
Coil voltage
Coil code: please refer to coil versions table
Dimensions
T92 – Mounting and termination code 5
PCB layout
Bottom view on pins
T92 - Mounting and termination code 1
An alternate PC board layout utilizes .076 ± .003 (1.93 ± .076) diameter holes on the same
center-to-center spacing shown above. Use of the rectangular holes is recommended for
improved solderability.
Only necessary terminals are present on single throw models. Consequently, some holes
will be unnecessary for single throw models.
2.700 MAX.
(68.58)
2.135 MAX.
(54.23)
2.345 ± .005
(59.56 ± .13)
.913 MAX.
(23.19)
2.010 MAX.
(51.05)
1.431 MAX.
(36.34)
1.36 MAX.
(34.54)
.090 (2.29)
RAD. FOR
#8 SCREW
2
6
4
8
0
1
2
6
3
4
7
8
0
1
1.618
(41.10)
.585
(14.86)
.309
(7.85)
.630
(16.00)
.203 TYP.
(5.16)
.052 TYP.
(1.32)
.072 TYP.
(1.83)
1.000
(25.40)
.162
(4.12)
.365
(9.27)
.185
(4.70)


유사한 부품 번호 - 8-1393211-4

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
8-1393211-4 TEC-8-1393211-4 Datasheet
789Kb / 5P
   T92 Series Two-pole Power Relay
More results

유사한 설명 - 8-1393211-4

제조업체부품명데이터시트상세설명
logo
Allied Components Inter...
AEE14-3888-A ALLIED-AEE14-3888-A Datasheet
1Mb / 2P
   Meets UL Class B 130C UL File number E349541
logo
Grayhill, Inc
70L-ODC GRAYHILL-70L-ODC Datasheet
76Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472
70L-IAC GRAYHILL-70L-IAC_10 Datasheet
85Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472
logo
List of Unclassifed Man...
BL600 ETC2-BL600 Datasheet
123Kb / 2P
   Meets Safety Agency Requirements
logo
Pulse A Technitrol Comp...
PE-67300NL PULSE-PE-67300NL Datasheet
59Kb / 1P
   Meets IEC950 insulation requirements
logo
CIT Relay & Switch
J123F CIT-J123F Datasheet
130Kb / 2P
   UL F class rated standard
J115F2 CIT-J115F2 Datasheet
176Kb / 3P
   UL F class rated standard
J115F1 CIT-J115F1 Datasheet
190Kb / 3P
   UL F class rated standard
J117F CIT-J117F Datasheet
92Kb / 3P
   UL F class rated standard
J115F3 CIT-J115F3 Datasheet
171Kb / 3P
   UL F class rated standard
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com