전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA11A 데이터시트(PDF) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

부품명 SA11A
상세설명  Uni-directional Versions Available
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
홈페이지  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SA11A 데이터시트(HTML) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

  SA11A Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SA11A Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SA11A Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SA11A Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SA11A Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd SA11A Datasheet HTML 6Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD
SA5.0A---SA440CA
GLASS PASSIVATED JUNCTION TRANSIENT
VOLTAGE SUPPRESSOR
Features
Glass Passivated Die Construction
500W Peak Pulse Power Dissipation
Uni-directional Versions Available
Excellent Clamping Capability
DO-15
Fast Response Time < 1 ns
Applications
Communication Systems
Power Supplies
Medical Equipment
Business Machines
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Peak Power Dissipation (Note 1.) @TL = 25°C, Pulse Width = 1 ms
PPK
500
W
Forward Surge Current (Note 2.) @TA = 25°C
IFSM
70
A
Power Dissipation, @TL = 75°C Lead lengths 0.375”(9.5mm)
PM(AV)
3.0
W
Storage Temperature Range
TSTG
-55 to 150
°C
Operating Junction Temperature Range
TJ
-55 to 150
°C
DIMENSIONS
Millimeters
Inches
REF.
Min.
Max.
Min.
Max.
A
25.4
31
1.000
1.220
b
5.84
7.62
0.230
0.300
c
0.71
0.86
0.028
0.034
D
2.64
3.56
0.104
0.140
1.
10 X 1000 us, non–repetitive
2.
1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum
3.
Mounted on minimum recommended pad layout
4.
A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which
should be equal to or greater than the DC or continuous peak operating voltage level.
5.
VBR measured at pulse test current IT at an ambient temperature of 25°C.
6.
Surge current waveform per Figure 1 and derate per Figure 3.
WWW.SEMITECH.CN


유사한 부품 번호 - SA11A

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SA11A MCC-SA11A Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Motorola, Inc
SA11A MOTOROLA-SA11A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Microdiode Electronics ...
SA11A CHENDA-SA11A Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SA11A SOCAY-SA11A Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Littelfuse
SA11A LITTELFUSE-SA11A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
More results

유사한 설명 - SA11A

제조업체부품명데이터시트상세설명
logo
Shanghai Semitech Semic...
3KP5.0A SEMITECH-3KP5.0A Datasheet
270Kb / 5P
   Uni-directional Versions Available
logo
American Electronic Com...
DG56A AEC-DG56A Datasheet
390Kb / 3P
   PCB versions available
logo
TE Connectivity Ltd
EV200P TEC-EV200P Datasheet
227Kb / 2P
   RoHS versions available
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
IK Semicon Co., Ltd
ILX75176 IKSEMICON-ILX75176 Datasheet
474Kb / 8P
   Half-Duplex Versions Available
logo
JFW Industries, Inc.
50FHLB-XXX-100 JFW-50FHLB-XXX-100 Datasheet
27Kb / 1P
   UNI-DIRECTIONAL FIXED ATTENUATOR
50HF-XXX-100-6 JFW-50HF-XXX-100-6 Datasheet
28Kb / 1P
   FIXED ATTENUATOR UNI-DIRECTIONAL
50FHIQ-XXX-1000 JFW-50FHIQ-XXX-1000 Datasheet
27Kb / 1P
   UNI-DIRECTIONAL FIXED ATTENUATOR
logo
SeCoS Halbleitertechnol...
SD36 SECOS-SD36_17 Datasheet
300Kb / 2P
   TVS Protection (Uni-Directional)
logo
Shanghai Leiditech Elec...
SD0791P1W LEIDITECH-SD0791P1W Datasheet
1Mb / 4P
   UNI-DIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com