전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

2SK3462 데이터시트(Datasheet) 4 Page - Toshiba Semiconductor

부품명 2SK3462
상세내용  Switching Regulator, DC-DC Converter and Motor Drive Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 4 page
background image
2SK3462
2002-09-04
4
0
0
40
120
160
200
10
30
40
20
80
Case temperature Tc
(°C)
RDS (ON) – Tc
Drain-source voltage VDS (V)
IDR – VDS
Case temperature Tc
(°C)
Vth – Tc
Case temperature Tc
(°C)
PD – Tc
Total gate charge Qg (nC)
Dynamic input/output characteristics
Drain-source voltage VDS (V)
Capacitance – VDS
0
-80
-40
0
40
80
120
160
1
2
3
4
5
Common source
VDS = 10 V
ID = 1 mA
Pulse test
Ciss
Coss
Crss
10
Common source
VGS =
0.1
100
10
1
1
10
100
0.3
3
30
0
0
100
150
250
15
25
Common source
ID = 3 A
Tc
= 25°C
Pulse test
20
50
200
510
100
50
VDD = 200 V
0
10
15
25
5
20
1
0.1
0
-0.2
-0.4
-1.2
Common source
Tc
= 25°C
Pulse test
-0.6
-0.8
-1.0
-1.4
VGS = 10 V
3
5
0,
-1
10
100
ID = 1 A
ID = 3 A
0
-80
-40
0
40
80
120
160
1
2
3
4
5
Common source
VGS = 10 V
Pulse test




Html 페이지

1  2  3  4  5  6 


데이터시트



관련 부품명

부품명상세내용Html View제조사
2SK2267_06N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 MoreToshiba Semiconductor
2SK3387_06Silicon N Channel MOS Type Switching Regulator DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3388_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK1486_06N CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 MoreToshiba Semiconductor
2SK3389_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3398_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3842Silicon N Channel MOS Type Switching Regulator Applications DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK1930_06N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 MoreToshiba Semiconductor
2SK3845Silicon N Channel MOS Type Switching Regulator DC-DC Converter Applications and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl