전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLIZ24N 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRLIZ24N
상세설명  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLIZ24N 데이터시트(HTML) 1 Page - International Rectifier

  IRLIZ24N Datasheet HTML 1Page - International Rectifier IRLIZ24N Datasheet HTML 2Page - International Rectifier IRLIZ24N Datasheet HTML 3Page - International Rectifier IRLIZ24N Datasheet HTML 4Page - International Rectifier IRLIZ24N Datasheet HTML 5Page - International Rectifier IRLIZ24N Datasheet HTML 6Page - International Rectifier IRLIZ24N Datasheet HTML 7Page - International Rectifier IRLIZ24N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
IRLIZ24N
PD - 9.1344
VDSS = 55V
RDS(on) = 0.06Ω
ID = 14A
S
D
G
TO-220 FULLPAK
l Logic-Level Gate Drive
l Advanced Process Technology
l Isolated Package
l High Voltage Isolation = 2.5KVRMS
…
l Sink to Lead Creepage Dist. = 4.8mm
l Fully Avalanche Rated
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
––––
5.8
RθJA
Junction-to-Ambient
––––
––––
65
°C/W
Thermal Resistance
Description
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design for which HEXFET Power MOSFETs are
well known, provides the designer with an extremely
efficient device for use in a wide variety of applications.
The TO-220 Fullpak eliminates the need for additional
insulating hardware in commercial-industrial applications.
The moulding compound used provides a high isolation
capability and a low thermal resistance between the tab
and external heatsink. This isolation is equivalent to using
a 100 micron mica barrier with standard TO-220 product.
The Fullpak is mounted to a heatsink using a single clip or
by a single screw fixing.
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
14
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
9.9
A
IDM
Pulsed Drain Current
†
72
PD @TC = 25°C
Power Dissipation
26
W
Linear Derating Factor
0.17
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
‚†
68
mJ
IAR
Avalanche Current
†
11
A
EAR
Repetitive Avalanche Current
†
4.5
mJ
dv/dt
Peak Diode Recovery dv/dt
Ġ
4.6
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
PRELIMINARY
Next Data Sheet
Index
Previous Datasheet
To Order


유사한 부품 번호 - IRLIZ24N

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRLIZ24N

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com