전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8SXXA 데이터시트(PDF) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

부품명 SM8SXXA
상세설명  Excellent clamping capability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
홈페이지  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SM8SXXA 데이터시트(HTML) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

  SM8SXXA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SM8SXXA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SM8SXXA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SM8SXXA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD
SM8SXXA Series
Surface Mount
Transient Voltage Suppressors
Features
l
Peak power dissipation 6600W @10 x 1000 us Pulse
l
Glass passivated junction.
l
Excellent clamping capability.
l
High surge capability
l
Low leakage current
l
Low forward voltage drop
l
Available in uni-directional polarity only
l
TJ = 175°C capability suitable for high reliability and
automotive requirement
l
Meets ISO7637-2 surge specification (varied by
test condition)
l
Halogen free and RoHS compliant
l
Lead-free finish
Mechanical Characteristics
l
CASE: SOD-BLOCK Molded Plastic over glass passivated junction
l
Polarity: Heatsink is Anode
l
Terminal: Solder plated
Maximum Ratings and Characteristics @ 25°C Ambient Temperature (unless otherwise noted)
Parameter
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000 us Waveform
PPPM
6600
W
Peak Pulse Power Dissipation on 10/10000 us Waveform
PPPM
5200
W
Power Dissipation on Infinite Heat Sink at TC = 25 °C (Fig. 1)
PD
8.0
W
Peak Pulse Current of on 10/1000us Waveform
IPPM
See next table
A
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave (Note 1.)
IFSM
700
A
Operating Junction Temperature Range
TJ
-55 to 175
°C
Storage Temperature Range
TSTG
-55 to 175
°C
Notes:
1. Non-repetitive current pulse derated above TA=25°C
Rev. 2.0, 28-Nov.-16
WWW.SEMITECH.CN
SOD-BLOCK
Cathode
Anode
Anode
Cathode


유사한 부품 번호 - SM8SXXA

제조업체부품명데이터시트상세설명
logo
Shanghai Yint Electroni...
SM8SXXCA YINT-SM8SXXCA Datasheet
379Kb / 3P
   Automotive and High Reliability TVS Diodes
More results

유사한 설명 - SM8SXXA

제조업체부품명데이터시트상세설명
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
   Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com