전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N-P-10DFB(40) 데이터시트(PDF) 4 Page - Hirose Electric

부품명 N-P-10DFB(40)
상세설명  50 ohms wide varieties standard connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

N-P-10DFB(40) 데이터시트(HTML) 4 Page - Hirose Electric

  N-P-10DFB(40) Datasheet HTML 1Page - Hirose Electric N-P-10DFB(40) Datasheet HTML 2Page - Hirose Electric N-P-10DFB(40) Datasheet HTML 3Page - Hirose Electric N-P-10DFB(40) Datasheet HTML 4Page - Hirose Electric N-P-10DFB(40) Datasheet HTML 5Page - Hirose Electric N-P-10DFB(40) Datasheet HTML 6Page - Hirose Electric N-P-10DFB(40) Datasheet HTML 7Page - Hirose Electric N-P-10DFB(40) Datasheet HTML 8Page - Hirose Electric N-P-10DFB(40) Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
N Series
N type Coaxial Connectors
1
Packaging
39.7
1
Packaging
1
Packaging
16.7
28
4∞Ø3.2
HRS No.
Packaging
■Straight jack
●Flexible cable type
■Panel mount jack
●Fexible cable type
■Receptacle
34.8
5/8-24UNEF-2A
20.8
16.7
L
4∞Ø3.2
Part No.
HRS No.
N-J-3DV(40)
301-0180-5 40
Applicable cable
3D-2V
ØD
5.1
Part No.
HRS No.
UG-23D/U(40)
301-0008-3 40
Applicable cable
RG-8/U,RG-9/U
Part No.
HRS No.
UG-22D/U(40)
N-PJ-58/U(40)
301-0010-5 40
301-0011-8 40
Applicable cable
RG-8/U,RG-9/U
RG-58/U
ØD
11.1
5.4
Ød
19.0
14.6
L
39.7
41.5
S
18.24
18.2
Part No.
UG-58A/U(40)
301-0012-0 40
1
Unit : mm
Unit : mm


유사한 부품 번호 - N-P-10DFB(40)

제조업체부품명데이터시트상세설명
logo
Hirose Electric
N-P-141 HIROSE-N-P-141 Datasheet
306Kb / 6P
   RFCO-AXIAL CONNECTORS
More results

유사한 설명 - N-P-10DFB(40)

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BTA100 ETC-BTA100 Datasheet
525Kb / 5P
   Specially Varieties 4Q-Triacs
logo
JFW Industries, Inc.
115-007 JFW-115-007_18 Datasheet
170Kb / 1P
   50 Ohms nominal
115-456 JFW-115-456 Datasheet
182Kb / 1P
   50 Ohms Nominal
115-460 JFW-115-460 Datasheet
180Kb / 1P
   50 Ohms Nominal
115-587 JFW-115-587 Datasheet
178Kb / 1P
   50 Ohms Nominal
115-004 JFW-115-004_18 Datasheet
159Kb / 1P
   50 Ohms nominal
115-006 JFW-115-006_18 Datasheet
169Kb / 1P
   50 Ohms nominal
115-008 JFW-115-008_18 Datasheet
173Kb / 1P
   50 Ohms nominal
115-764 JFW-115-764 Datasheet
191Kb / 1P
   50 Ohms Nominal
115-002 JFW-115-002_18 Datasheet
159Kb / 1P
   50 Ohms nominal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com