전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSIG15N135H 데이터시트(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

부품명 SSIG15N135H
상세설명  Advanced Trench-FS Process Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILIKRON [Silikron Semiconductor Co.,LTD.]
홈페이지  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSIG15N135H 데이터시트(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSIG15N135H Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSIG15N135H Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSIG15N135H Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSIG15N135H Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSIG15N135H Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSIG15N135H Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSIG15N135H Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSIG15N135H Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD. SSIG15N135H Datasheet HTML 9Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SSIG15N135H
©Silikron Semiconductor CO.,LTD.
2015.03.09
Version : 1.0
page 2 of 9
www.silikron.com
Thermal Resistance
Symbol
Characterizes
Typ.
Max.
Units
RθJC
Junction-to-case①
0.6
℃/W
RθJA
Junction-to-ambient
40
℃/W
Electrical Characterizes @T
A=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)CES
Collector-to-Emitter breakdown
voltage
1350
V
VGE = 0V, IC = 0.5mA
VCE(sat)
Collector-Emitter Saturation voltage
1.9
2.2
V
VGE=15V,
IC=15A,TC=25°C
2.05
V
VGE=15V,
IC=15A,TC=125°C
VGE(th)
Gate threshold voltage
4.8
5.8
6.8
V
VGE= VCE, ID = 0.4mA
ICES
Zero gate voltage collector current
100
μA
VCE = 1350V
IGES
Gate-to-Emitter forward leakage
300
μA
VGE =30V
-300
VGE = -30V
Qg
Total gate charge
165
nC
Ic = 20A,
VCE= 600V,
VGE = 15V
Qge
Gate-to-Emitter charge
12
Qgc
Gate-to-Collector("Miller") charge
55
td(off)
Turn-Off delay time
190
ns
VGE=15V, Vcc=600V,
Rg=10Ω
IC=15A, TJ = 25°C
tf
Fall time
100
Eoff
Turn-Off delay time
0.8
mJ
Cies
Input capacitance
1250
pF
VGE = 0V
VCE = 25V
ƒ = 1MHz
Coes
Output capacitance
40
Cres
Reverse transfer capacitance
32
trr
Reverse Recovery Time
230
ns
TJ = 25°C, IF =15A, di/dt =
20
A/μs
Qrr
Reverse Recovery Charge
2450
nC
Notes
:
①These curves are based on the junction-to-case thermal impedance which is measured with the
device mounted to a large heat sink, assuming maximum junction temperature of TJ(MAX)=175°C.
The R JA is the sum of the thermal impedance from junction to case RJC and case to ambient.


유사한 부품 번호 - SSIG15N135H

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSIG20N135H SILIKRON-SSIG20N135H Datasheet
620Kb / 9P
   Advanced Trench-FS Process Technology
More results

유사한 설명 - SSIG15N135H

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSIG20N135H SILIKRON-SSIG20N135H Datasheet
620Kb / 9P
   Advanced Trench-FS Process Technology
SSF1122D SILIKRON-SSF1122D Datasheet
627Kb / 5P
   Advanced trench process technology
SSF6010A SILIKRON-SSF6010A Datasheet
449Kb / 5P
   Advanced trench process technology
SSF6014A SILIKRON-SSF6014A Datasheet
486Kb / 5P
   Advanced trench process technology
SSF7504 SILIKRON-SSF7504 Datasheet
433Kb / 5P
   Advanced trench process technology
SSF6808A SILIKRON-SSF6808A Datasheet
466Kb / 5P
   Advanced trench process technology
SSF3014 SILIKRON-SSF3014 Datasheet
298Kb / 5P
   Advanced trench process technology
SSF3022 SILIKRON-SSF3022 Datasheet
339Kb / 5P
   Advanced trench process technology
logo
First Silicon Co., Ltd
FTK9926 FS-FTK9926 Datasheet
2Mb / 4P
   Advanced trench process technology
logo
Silikron Semiconductor ...
SSF1122 SILIKRON-SSF1122 Datasheet
627Kb / 5P
   Advanced trench process technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com