전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB04N03Q8 데이터시트(PDF) 1 Page - Cystech Electonics Corp.

부품명 MTB04N03Q8
상세설명  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB04N03Q8 데이터시트(HTML) 1 Page - Cystech Electonics Corp.

  MTB04N03Q8_15 Datasheet HTML 1Page - Cystech Electonics Corp. MTB04N03Q8_15 Datasheet HTML 2Page - Cystech Electonics Corp. MTB04N03Q8_15 Datasheet HTML 3Page - Cystech Electonics Corp. MTB04N03Q8_15 Datasheet HTML 4Page - Cystech Electonics Corp. MTB04N03Q8_15 Datasheet HTML 5Page - Cystech Electonics Corp. MTB04N03Q8_15 Datasheet HTML 6Page - Cystech Electonics Corp. MTB04N03Q8_15 Datasheet HTML 7Page - Cystech Electonics Corp. MTB04N03Q8_15 Datasheet HTML 8Page - Cystech Electonics Corp. MTB04N03Q8_15 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C789Q8
Issued Date : 2011.12.16
Revised Date : 2015.10.05
Page No. : 1/9
MTB04N03Q8
CYStek Product Specification
N-Channel Logic Level Enhancement Mode Power MOSFET
MTB04N03Q8
BVDSS
30V
25A
ID@ TC=25
°C, VGS=10V
RDSON@VGS=10V, ID=18A
3.5mΩ(typ)
RDSON@VGS=4.5V, ID=12A
4.8mΩ(typ)
Description
The MTB04N03Q8 is a N-channel enhancement-mode MOSFET, providing the designer with the best
combination of fast switching, ruggedized device design, low on-resistance and cost effectiveness.
The SOP-8 package is universally preferred for all commercial-industrial surface mount applications
and suited for low voltage applications such as DC/DC converters.
Features
• Single Drive Requirement
• Low On-resistance
• Fast Switching Characteristic
• Dynamic dv/dt rating
• Repetitive Avalanche Rated
• Pb-free lead plating package
Ordering Information
Device
Package
Shipping
MTB04N03Q8-0-T3-G
SOP-8
(Pb-free lead plating and halogen-free package)
2500 pcs / tape & reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T3 : 2500 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


유사한 부품 번호 - MTB04N03Q8_15

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB04N03Q8 CYSTEKEC-MTB04N03Q8 Datasheet
317Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

유사한 설명 - MTB04N03Q8_15

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com